Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8400700000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 8400700000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8400700000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 8400700000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 8400700000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
www.Rose-Bopla.com
8
Rose
+Bopla offers the engineer faced with packaging requirements an enormous advantage in finding a
solution. Electronic products need enclosures. Our ability to deliver off-the-shelf enclosures makes
Rose
+Bopla one of the most important partners an engineer could ask for when bringing a product to market.
We offer both electrical and electronic enclosures and have one of the widest ranges of standard off-the-shelf
enclosures in the industry. Rose
+Bopla also offers years of expertise in machining and other value added
services, as well as technical support from an experienced technical sales force. Rose
+Bopla also guarantees
all secondary services and machining 100%, thereby eliminating scrap and additional costs.
The benefits of designing with Rose
+Bopla enclosures are: cost savings, elimination of custom tool/
molding expense, a large off-the-shelf inventory, no scrap, machining expertise and over 30 years experience
in enclosure manufacturing. Take advantage of our experience and reduce your frustrations from dealing with
multiple vendors. Rose
+Bopla can offer you a turnkey solution that is 100% guaranteed.
Rose
+Bopla recognizes that dimensional information is very important to our customers. Therefore, we have
taken advantage of other media channels to provide more comprehensive drawing information. For more
detailed dimensional information, or for CAD drawings:
1. Contact our inside Rose
+Bopla sales staff by telephone at 301-696-9800.
2. Download drawing(s) from our website at www.rose-bopla.com. All product drawings are not
available on the website. Our internal sales staff has access to a larger library of drawings. Please
feel free to call us if you do not find the product drawing you need.
3. Request that the drawing(s) be sent to you via e-mail, by contacting us by phone, 301-696-9800,
or fax us at 301-696-9494.
Rose
+Bopla not only supplies empty standard enclosures, but can also provide and deliver custom designs.
We have skilled technical support personnel in-house that will work with your engineering staff on a custom
enclosure design for your next product. By means of direct communications with you, the customer, we can
create an individual solution to fit your precise requirements.
Rose
+Bopla can injection-mold most plastic enclosures in special colors and/or special materials. Minimum
quantities for special injection runs range from 500 to 1,000 units depending on the enclosure. For special
colors, please send us a sample of the color you would like to match. Rose
+Bopla cannot guarantee an exact
color match. If you need a special material for improved flame retardancy, impact resistance, chemical
resistance, etc., let us know specifically what specifications you need to meet. We will suggest a material
suitable for use in our molds that meets your requirements.
DESIGNING WITH
ROSE
+BOPLA
DRAWINGS
CUSTOM
DESIGNS
SPECIAL
MATERIALS
Drawings & Design Information


Similar Part No. - 8400700000

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84007023 HUBERSUHNER-84007023 Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 24in
More results

Similar Description - 8400700000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
   As part of a process of continuous improvement
STPSC20H065C-Y STMICROELECTRONICS-STPSC20H065C-Y Datasheet
156Kb / 9P
   Dedicated to PFC applications
September 2014 Rev 2
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
   Dedicated to PFC applications
September 2016 Rev 3
logo
PANDUIT CORP.
T038X000FJC-BK PANDUIT-T038X000FJC-BK Datasheet
126Kb / 1P
   CUSTOMER DRAWING PI CASSETTE CONTINUOUS TAPE LABEL
logo
STMicroelectronics
STPSC12H065-Y STMICROELECTRONICS-STPSC12H065-Y Datasheet
454Kb / 9P
   Dedicated to PFC applications
October 2016 Rev 4
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
   Dedicated to PFC applications
May 2016 Rev 1
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
logo
Infineon Technologies A...
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9261QXV33 INFINEON-TLE9261QXV33 Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com