Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TB24-2.7 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9258TB24-2.7
Description  Quad Digital Controlled Potentiometers (XDCP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9258TB24-2.7 Datasheet(HTML) 1 Page - Xicor Inc.

  X9258TB24-2.7 Datasheet HTML 1Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 2Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 3Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 4Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 5Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 6Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 7Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 8Page - Xicor Inc. X9258TB24-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
REV 1.1.7 2/4/03
Characteristics subject to change without notice.
1 of 22
www.xicor.com
Low Noise/Low Power/2-Wire Bus/256 Taps
X9258
Quad Digital Controlled Potentiometers (XDCP)
FEATURES
• Four potentiometers in one package
• 256 resistor taps/pot–0.4% resolution
• 2-wire serial interface
• Wiper resistance, 40
Ω typical @ V+ = 5V, V- = -5V
• Four nonvolatile data registers for each pot
• Nonvolatile storage of wiper position
• Standby current < 5µA max (total package)
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V- = -2.7V to -5.5V
• 100K
Ω, 50KΩ total pot resistance
• High reliability
—Endurance – 100,000 data changes per bit per
register
—Register data retention – 100 years
• 24-lead SOIC, 24-lead TSSOP, 24-lead CSP (Chip
Scale Package)
• Dual supply version of X9259
DESCRIPTION
The
X9258
integrates
4
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-wire
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and 4 nonvolatile Data Registers (DR0:DR3)
that can be directly written to and read by the user.
The contents of the WCR controls the position of the
wiper on the resistor array though the switches. Power
up recalls the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
WP
Pot 0
VCC
VSS
V+
V-
APPLICATION NOTES
AVAILABLE
AN99 • AN115 • AN120 • AN124 • AN133 • AN134 • AN135


Similar Part No. - X9258TB24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TS24 INTERSIL-X9258TS24 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TS24 INTERSIL-X9258TS24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24 INTERSIL-X9258TS24 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
X9258TS24-2.7 INTERSIL-X9258TS24-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TS24-2.7 INTERSIL-X9258TS24-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X9258TB24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com