Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIN47223 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # DIN47223
Description  STRAIGHT JACK (1/2?쇺?S)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

DIN47223 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  DIN47223 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG DIN47223 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
7-16
STRAIGHT JACK
(1/2
’’S)
60K1C7-C08N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG, Germany
Tel.: +49 8684 18-0
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
Rosenberger Asia Pacific Electronic Co., Ltd., China
Tel.: +86 10 80481995
Fax: +86 10 80497052
www.rosenbergerap.com
email:info@rosenbergerap.com
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-4, EN 122190, DIN 47223
Documents
Assembly instruction
MA_1C7-C08
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Back nut
Brass
Flash white bronze over silver(e.g. Optargen®)
Sealing nut
Brass
Nickel, 2.5-5 µm
Dielectric
TPX&POM
Gasket
Silicone


Similar Part No. - DIN47223

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
DIN47223 ROSENBERGER-DIN47223 Datasheet
79Kb / 2P
   RPC-N 50W Jack ??7/16 50W Jack
DIN47223 ROSENBERGER-DIN47223 Datasheet
162Kb / 2P
   ATTENUATOR PLUG/JACK
DIN47223 ROSENBERGER-DIN47223 Datasheet
82Kb / 2P
   7/16 PANEL JACK
DIN47223 ROSENBERGER-DIN47223 Datasheet
847Kb / 3P
   Calibration Kit
DIN47223 ROSENBERGER-DIN47223 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
More results

Similar Description - DIN47223

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60K1C7-C03N1 ROSENBERGER-60K1C7-C03N1 Datasheet
142Kb / 2P
   STRAIGHT JACK (1/2?쇺?R)
60S1C7-C08N1 ROSENBERGER-60S1C7-C08N1 Datasheet
133Kb / 2P
   STRAIGHT PLUG (1/2?쇺?S)
60K1D7-C06N1 ROSENBERGER-60K1D7-C06N1 Datasheet
138Kb / 2P
   STRAIGHT JACK (1-1/4?쇺?R)
60S1C7-C03N1 ROSENBERGER-60S1C7-C03N1 Datasheet
159Kb / 2P
   STRAIGHT PLUG (1/2?쇺?R)
60S2C7-C08N1 ROSENBERGER-60S2C7-C08N1 Datasheet
143Kb / 2P
   RIGHT ANGLE PLUG (1/2?쇺?S)
60K1C7-CX5N1 ROSENBERGER-60K1C7-CX5N1 Datasheet
137Kb / 2P
   STRAIGHT JACK (7/8?쇺?R)
60S1D7-C06N1 ROSENBERGER-60S1D7-C06N1 Datasheet
135Kb / 2P
   STRAIGHT PLUG (1-1/4?쇺?R)
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Molex Electronics Ltd.
0731411082 MOLEX11-0731411082 Datasheet
52Kb / 1P
   50 Ohms, N Jack, Straight, for 1/2
logo
List of Unclassifed Man...
GC0308 ETC1-GC0308 Datasheet
2Mb / 32P
   1/6.5?쇺? VGA CMOS Image Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com