Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1510T Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # GBJ1510T
Description  SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GBJ1510T Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  GBJ1510T Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GBJ1510T Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. GBJ1510T Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.0
@IF=15A
@IF=7.5A
Forward Voltage per element
SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005T THRU GBJ1510T
Plastic material-UL flammability 94V-0
RRM
60
Single Phase, half wave, 60Hz, resistive or inductive load.
ambient temperature unless otherwise specified.
·
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Features
Mechanical Data
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics
For capacitive load, derate current by 20%.
· Glass passivated die construction
Low forward voltage drop
· High current capability
· High surge current capability
·
·
·
·
·
·
Rating at 25℃
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
uA
Typical Junction Capacitance per leg
pF
℃/W
IR
5.0
500
V
UNITS
V
V
1000
100
200
400
600
800
50
TYPE NUMBER
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
·
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
A
CJ
1.1
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
1.5
12
RθJA
RθJC
Between junction and ambient, Without heatsink
Between junction and case, With heatsink
Case: Molded plastic, GBJ
Average Rectified Output Current (Note 1)@T =90
15.0
A
C
300
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
A
IFSM
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
373.5
version:02
1 of 3
www.dyelec.com
15005T
1510T
1508T
1506T
1504T
1502T
1501T
IF(AV)
dimensions in inches and (millimeters)
GBJ
.433(11)
.354(9.0)
.043(1.1)
.035(0.9)
.090(2.3)
.078(2.0)
1.193(30.3)
1.169(29.7)
.800(20.3)
.787(19.7) .441(11.2)
.425(10.8)
.023(0.6)
.303(7.7)
.287(7.3)
.165(4.2)
.150(3.8)
.706(18.0)
.626(16.0)
.303(7.7)
.287(7.3)
.110(2.8)
.094(2.4)
.150(3.8)
.134(3.4)
.184(3.4)
.122(3.1)
.189(4.8)
.173(4.4)
.106(2.7)
.096(2.3)
+
~~
-
+
~~
-
.215(5.2)
.196(4.8)
+
-
~
~


Similar Part No. - GBJ1510T

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
GBJ1510 BYTESONIC-GBJ1510 Datasheet
412Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ1510 DIODES-GBJ1510 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Micro Commercial Compon...
GBJ1510 MCC-GBJ1510 Datasheet
108Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DIYI Electronic Technol...
GBJ1510 DYELEC-GBJ1510 Datasheet
3Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
GBJ1510 CHENDA-GBJ1510 Datasheet
546Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBJ1510T

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
GBPC15005 DYELEC-GBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005G DYELEC-GBJ15005G Datasheet
4Mb / 3P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBU1508T DYELEC-GBU1508T Datasheet
798Kb / 3P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 DYELEC-GBJ15005 Datasheet
3Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com