Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9409YB241I Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9409YB241I
Description  Quad Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9409YB241I Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9409YB241I Datasheet HTML 5Page - Xicor Inc. X9409YB241I Datasheet HTML 6Page - Xicor Inc. X9409YB241I Datasheet HTML 7Page - Xicor Inc. X9409YB241I Datasheet HTML 8Page - Xicor Inc. X9409YB241I Datasheet HTML 9Page - Xicor Inc. X9409YB241I Datasheet HTML 10Page - Xicor Inc. X9409YB241I Datasheet HTML 11Page - Xicor Inc. X9409YB241I Datasheet HTML 12Page - Xicor Inc. X9409YB241I Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
X9409 – Preliminary Information
Characteristics subject to change without notice.
9 of 21
REV 1.6 1/30/03
www.xicor.com
Instruction Format
Notes: (1) “MACK”/”SACK”: stands for the acknowledge sent by the master/slave.
(2) “A3 ~ A0”: stands for the device addresses sent by the master.
(3) “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
(4) “I”: stands for the increment operation, SDA held high during active SCL phase (high).
(5) “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR) to Data Register (DR)
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
wiper position
(sent by slave on SDA)
M
A
C
K
S
T
O
P
0101
A
3
A
2
A
1
A
0
100100
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
wiper position
(sent by master on SDA)
S
A
C
K
S
T
O
P
0101
A
3
A
2
A
1
A
0
101000
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
wiper position
(sent by slave on SDA)
M
A
C
K
S
T
O
P
0101
A
3
A
2
A
1
A
0
1011
R
1
R
0
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
wiper position
(sent by master on SDA)
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101
A
3
A
2
A
1
A
0
1100
R
1
R
0
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
S
T
O
P
0101
A
3
A
2
A
1
A
0
1101
R
1
R
0
P
1
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101
A
3
A
2
A
1
A
0
1110
R
1
R
0
P
1
P
0


Similar Part No. - X9409YB241I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409YS24 INTERSIL-X9409YS24 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409YS24I-2.7 INTERSIL-X9409YS24I-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409YS24IZ-2.7 INTERSIL-X9409YS24IZ-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409YS24Z INTERSIL-X9409YS24Z Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409YV24I-2.7 INTERSIL-X9409YV24I-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
More results

Similar Description - X9409YB241I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com