Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WV24I-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9410WV24I-2.7
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9410WV24I-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9410WV24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9410WV24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
X9410
Characteristics subject to change without notice.
5 of 21
REV 1.1 10/6/00
www.xicor.com
Figure 3. Instruction Byte Format
The four high order bits of the instruction byte specify
the operation. The next two bits (R1 and R0) select one
of the four registers that is to be acted upon when a
register oriented instruction is issued. The last bit (P0)
selects which one of the two potentiometers is to be
affected by the instruction.
Four of the ten instructions are two bytes in length and
end with the transmission of the instruction byte. These
instructions are:
– XFR Data Register to Wiper Counter Register—This
transfers the contents of one specified Data Register
to the associated Wiper Counter Register.
– XFR Wiper Counter Register to Data Register—This
transfers the contents of the specified Wiper Counter
Register to the specified associated Data Register.
– Global XFR Data Register to Counter Register—This
transfers the contents of both specified Data Registers
to the associated Wiper Counter Registers.
– Global XFR Wiper Counter Register to Data Register—
This transfers the contents of both Wiper Counter
Registers to the specified associated Data Registers.
The basic sequence of the two byte instructions is
illustrated in Figure 4. These two-byte instructions
exchange data between the WCR and one of the data
registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the
wiper to this action will be delayed by tWRL. A transfer
from the WCR (current wiper position), to a data register
is a write to nonvolatile memory and takes a minimum
of tWR to complete. The transfer can occur between
one of the two potentiometers and one of its associated
registers; or it may occur globally, where the transfer
occurs
between
both
potentiometers
and
one
associated register.
Five instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9410; either between the host and one
of the data registers or directly between the host and
the Wiper Counter Register. These instructions are:
– Read Wiper Counter Register—read the current
wiper position of the selected pot,
–Write Wiper Counter Register—change current wiper
position of the selected pot,
– Read Data Register—read the contents of the
selected data register;
–Write Data Register—write a new value to the
selected data register.
– Read Status—This command returns the contents of
the WIP bit which indicates if the internal write cycle
is in progress.
The sequence of these operations is shown in Figure 5
and Figure 6.
The final command is Increment/Decrement. It is
different from the other commands because it’s length
is indeterminate. Once the command is issued, the
master can clock the selected wiper up and/or down in
one resistor segment steps, thereby providing a fine
tuning capability to the host. For each SCK clock pulse
(tHIGH) while SI is HIGH, the selected wiper will move
one resistor segment towards the VH/RH terminal.
Similarly, for each SCK clock pulse while SI is LOW, the
selected wiper will move one resistor segment towards
the VL/RL terminal. A detailed illustration of the
sequence and timing for this operation are shown in
Figures 7-8.
I1
I2
I3
I0
R1
R0
0
P0
Pot Select
Register
Select
Instructions


Similar Part No. - X9410WV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410WV24I-2.7 INTERSIL-X9410WV24I-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410WV24I-2.7 INTERSIL-X9410WV24I-2.7 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9410WV24I-2.7 RENESAS-X9410WV24I-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com