Electronic Components Datasheet Search |
|
SF1205X221ZANFB Datasheet(PDF) 4 Page - API Technologies Corp |
|
SF1205X221ZANFB Datasheet(HTML) 4 Page - API Technologies Corp |
4 / 6 page API TECHNOLOGIES • 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com API TECHNOLOGIES’ SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58 SM5 Surface Mount EMI Filters Three Terminal Chips T LE LM LE L W Mechanical Dimensions Dimensions in inches (mm) Ordering Information Example: SF0805C221SBNCT This part number represents a three terminal chip with a body size of 0805 with a COG (NPO) dielectric. The capacitance is 220 pF with a capacitance tolerance of +50%/-20%. Voltage rating is 50 Volts DC. It has nickel barrier, solder plated terminations and a current rating of 0.4 Amp, (400 milliamps). The parts are taped and reeled. SF 0805 C 221 S B N CT Style Size Ceramic Capacitance Capacitance Rated Termination Current Packaging Code Tolerance Voltage(Vdc) Rating SF 0603 C-COG Firsttwo S-+50%/-20% A-25 N-NiBarrier, B- 0.3A T-Tape 0805 X-X7R numbersare Z-+80%/-20% B-50 Solder C- 0.4A & Reel 1205 Y-Y5V significant, D-100 Plated D- 1A B-Bulk 1806 the third E- 2A number F- 3A refers to G- 4A number of H- 5A zeroes I- 6A End Middle Body Body Body Terminal Terminal Body Length Width Thickness Length Length Style/Size (L) (W) (T) (LE) (LM) 0.063 +/-0.006 0.031 +/-0.006 0.023 +/-0.006 0.008 +/-0.006 0.020 +/-0.006 SF0603 (1.60 +/-0.15) (0.80+/-0.15) (0.6+/-0.15) (0.2 +/-0.15) (0.5 +/-0.15) SF0805 0.079 +/-0.008 0.049 +/-0.008 0.032 +/-0.008 0.012 +/-0.008 0.024 +/-0.008 (2.0 +/-0.2) (1.25 +/-0.2) (0.8 +/-0.2) (0.3 +/-0.2) (0.6 +/-0.2) SF1205 0.126 +/-0.008 0.049 +/-0.008 0.028 +/-0.008 0.016 +/-0.012 0.043 +/-0.012 (3.2 +/-0.2) (1.25 +/-0.2) (0.7 +/-0.2) (0.4 +/-0.3) (1.1 +/-0.3) SF1806 0.177 +/-0.012 0.063 +/-0.012 0.039 +/-0.012 0.020 +/-0.012 0.055 +/-0.012 (4.5 +/-0.3) (1.6 +/-0.3) (1.0 +/-0.3) (0.5 +/-0.3) (1.4 +/-0.3) |
Similar Part No. - SF1205X221ZANFB |
|
Similar Description - SF1205X221ZANFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |