Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI3-1205S Datasheet(PDF) 3 Page - Recom International Power

Part # RI3-1205S
Description  3 Watt in a SIP4 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3-1205S Datasheet(HTML) 3 Page - Recom International Power

  RI3-1205S Datasheet HTML 1Page - Recom International Power RI3-1205S Datasheet HTML 2Page - Recom International Power RI3-1205S Datasheet HTML 3Page - Recom International Power RI3-1205S Datasheet HTML 4Page - Recom International Power RI3-1205S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RI3
Series
PROTECTIONS
Parameter
Condition
Value
Isolation Voltage
standard without suffix
with suffix “H2”
with suffix “H3”
1kVDC / tested for 1 second
2kVDC / tested for 1 second
3kVDC / tested for 1 second
Isolation Capacitance
37pF typ. / 130pF max.
Isolation Resistance
10G
Ω min.
ECO-3
REV.: 0/2016
www.recom-power.com
Deviation vs. Load
0505
1205
1505
2405
0509
1209
1509
2409
0512
1212
1512
2412
0515
1215
1515
2415
Output Load [%]
1
-10
0
-5
5
10
20
15
30
25
20
40
60
80
100
Output Load [%]
1
-10
0
-5
5
10
20
15
25
20
40
60
80
100
Output Load [%]
1
-10
0
-5
5
10
20
15
30
25
20
40
60
80
100
Output Load [%]
1
-10
0
-5
5
10
20
15
30
25
20
40
60
80
100
RI3-xx05S
RI3-xx12S
RI3-xx09S
RI3-xx15S
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
free air convection, without derating
with derating
-40°C to +85°C
-40°C to +100°C
Maximum Case Temperature
+115°C
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F
+25°C
+85°C
4395 x 103 hours
1740 x 10³ hours
continued on next page


Similar Part No. - RI3-1205S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-1205S RECOM-RI3-1205S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
More results

Similar Description - RI3-1205S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
   3 watts in a 1 watt size package
logo
Recom International Pow...
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com