Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54340BQDDARQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54340BQDDARQ1
Description  4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54340BQDDARQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54340BQDDARQ1 Datasheet HTML 4Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 5Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 6Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 9Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 10Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 11Page - Texas Instruments TPS54340BQDDARQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
−2.5
−2.3
−2.1
−1.9
−1.7
−1.5
−1.3
−1.1
−0.9
−0.7
−0.5
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 5 V, IEN = Threshold+50mV
G011
−5
−4.9
−4.8
−4.7
−4.6
−4.5
−4.4
−4.3
−4.2
−4.1
−4
−50
−25
0
25
50
75
100
125
150
Tj − Junction Temperature (°C)
VIN = 12 V, IEN = Threshold+50mV
G012
20
30
40
50
60
70
80
90
100
110
120
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G009
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G010
0
500
1000
1500
2000
2500
0
50
100
150
200
RT/CLK − Resistance (k
Ω)
G007
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G008
8
TPS54340B-Q1
SLVSDX5 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS54340B-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Switching Frequency vs RT/CLK Resistance
High-Frequency Range
Figure 8. EA Transconductance vs Junction Temperature
Figure 9. EA Transconductance During Soft Start vs
Junction Temperature
Figure 10. EN Pin Voltage vs Junction Temperature
Figure 11. EN Pin Current vs Junction Temperature
Figure 12. EN Pin Current vs Junction Temperature


Similar Part No. - TPS54340BQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340BDDA TI1-TPS54340BDDA Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340BDDAR TI1-TPS54340BDDAR Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54340BQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com