Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ20005G Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # GBJ20005G
Description  SINGLE PHASE 20AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GBJ20005G Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  GBJ20005G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GBJ20005G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. GBJ20005G Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.1
@IF=10A
Forward Voltage per element
@IF=20A
SINGLE PHASE
AMP GLASS PASSIVATED BRIDGE RECTIFIER
65
Plastic material-UL flammability 94V-0
C
Typical Junction Capacitance per leg
RRM
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
20.0
GBJ20005G THRU GBJ2010G
1.0
Single Phase, half wave, 60Hz, resistive or inductive load.
ambient temperature unless otherwise specified.
·
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Features
Mechanical Data
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics
For capacitive load, derate current by 20%.
· Glass passivated die construction
Low forward voltage drop
· High current capability
· High surge current capability
·
·
·
·
·
·
·
Rating at 25℃
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
uA
pF
℃/W
IR
5.0
500
V
UNITS
V
V
1000
100
200
400
600
800
50
TYPE NUMBER
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
A
J
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
1.5
22
RθJA
RθJC
Between junction and ambient, Without heatsink
Between junction and case, With heatsink
Case: Molded plastic, GBJ
300
Average Rectified Output Current (Note 1)@T =90
20.0
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
A
IFSM
A
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
373.5
C
version:02
1 of 3
www.dyelec.com
20005G
2010G
2008G
2006G
2004G
2002G
2001G
IF(AV)
dimensions in inches and (millimeters)
GBJ
.433(11)
.354(9.0)
.043(1.1)
.035(0.9)
.090(2.3)
.078(2.0)
1.193(30.3)
1.169(29.7)
.800(20.3)
.787(19.7) .441(11.2)
.425(10.8)
.023(0.6)
.303(7.7)
.287(7.3)
.165(4.2)
.150(3.8)
.706(18.0)
.626(16.0)
.303(7.7)
.287(7.3)
.110(2.8)
.094(2.4)
.150(3.8)
.134(3.4)
.184(3.4)
.122(3.1)
.189(4.8)
.173(4.4)
.106(2.7)
.096(2.3)
+
~~
-
+
~~
-
.215(5.2)
.196(4.8)
+
-
~
~


Similar Part No. - GBJ20005G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Chongqing Pingwei Enter...
GBJ20005 CHONGQING-GBJ20005 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ20005 JUXING-GBJ20005 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ20005 MCC-GBJ20005 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
More results

Similar Description - GBJ20005G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
GBJ20005T DYELEC-GBJ20005T Datasheet
4Mb / 3P
   SINGLE PHASE 20AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005A DYELEC-GBJ20005A Datasheet
4Mb / 3P
   SINGLE PHASE 20AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com