Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2504A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # GBJ2504A
Description  SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GBJ2504A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  GBJ2504A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GBJ2504A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. GBJ2504A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
150
GBJ25005A THRU GBJ2510A
. 1 Output Current Deratin
Fig
g Curve
200
0
0
50
100
150
8.0
24.0
16.0
32.0
0.04
0.4
40
4
0.8
1.2
0.6
0.4
1.0
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
NUMBER OF CYCLES AT 60 Hz
T
1
10
100
0
350
200
150
100
50
250
300
400
PERCEN OF RATED PEAK REVERSE VOLTAGE
TA=25°C
10
1.0
0.1
0.01
0
40
60
80
100
120
140
20
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
Fig. 4 Typical Junction Capacitance
FIG.5 TYPICAL REVERSE CHRACTERISTICS
(V)
PERCENT OF RATED PEAK INVERSE VOLTGE
020
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
T , CASE TEMPERATURE( C)
C
°
2 of 3
www.dyelec.com
version:02


Similar Part No. - GBJ2504A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GBJ2504A YANGJIE-GBJ2504A Datasheet
338Kb / 4P
   Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
GBJ2504A SAMYANG-GBJ2504A Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
RFE international
GBJ2504A RFE-GBJ2504A Datasheet
2Mb / 3P
   Bridge Rectifiers
1-18-2023
More results

Similar Description - GBJ2504A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KBPC25005 DYELEC-KBPC25005 Datasheet
3Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25005T DYELEC-GBJ25005T Datasheet
4Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25005G DYELEC-GBJ25005G Datasheet
4Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
GBJ25005 CHENYI-GBJ25005 Datasheet
53Kb / 2P
   25Amp glass passivated bridge rectifier 50to1000 volts
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005_15 Datasheet
197Kb / 2P
   25Amp Glass Passivated Bridge Rectifiers
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com