Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN122190 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # EN122190
Description  7/16 TERMINATION PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

EN122190 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  EN122190 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG EN122190 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
7/16
TERMINATION PLUG
60S17R-020N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 8 GHz
Return loss
≥ 34.1 dB, DC to 1 GHz
≥ 30.7 dB, 1 GHz to 2 GHz
≥ 20.0 dB, 2 GHz to 8 GHz
Center contact resistance
≤ 0.4 mΩ
Outer contact resistance
≤ 1.5 mΩ
Power handling
20 W at 25°C
derated linearity to 0 Watts at 125°C
Mechanical data
Mating cycles
min. 500
Coupling nut retention
≥ 1000 N
Center contact captivation
≥ 200 N
Coupling torque (recommended)
25 to 30 Nm
Proof torque
max. 35 Nm
Environmental data
Temperature range
-65°C to +85°C
2002/95/EC (RoHS)
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
1 pce in air cushion bag
Weight
295 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Kerstin Herzog
28/07/05
Frank Weiß
07/07/08
b00
08-0348
Kerstin Hobrak
08/07/08
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - EN122190

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
EN122190 ROSENBERGER-EN122190 Datasheet
79Kb / 2P
   RPC-N 50W Jack ??7/16 50W Jack
EN122190 ROSENBERGER-EN122190 Datasheet
81Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
EN122190 ROSENBERGER-EN122190 Datasheet
82Kb / 2P
   7/16 PANEL JACK
EN122190 ROSENBERGER-EN122190 Datasheet
819Kb / 3P
   Calibration Kit
EN122190 ROSENBERGER-EN122190 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
More results

Similar Description - EN122190

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S17R-010N1 ROSENBERGER-60S17R-010N1 Datasheet
164Kb / 2P
   7/16 TERMINATION PLUG
60S15R-005N1 ROSENBERGER-60S15R-005N1 Datasheet
156Kb / 2P
   7/16 TERMINATION PLUG
60S15R-020N1 ROSENBERGER-60S15R-020N1 Datasheet
165Kb / 2P
   7/16 TERMINATION PLUG
60S15R-010N1 ROSENBERGER-60S15R-010N1 Datasheet
164Kb / 2P
   7/16 TERMINATION PLUG
60K17R-020N1 ROSENBERGER-60K17R-020N1 Datasheet
200Kb / 2P
   7/16 TERMINATION JACK
60K15R-005N1 ROSENBERGER-60K15R-005N1 Datasheet
150Kb / 2P
   7/16 TERMINATION JACK
60K17R-010N1 ROSENBERGER-60K17R-010N1 Datasheet
155Kb / 2P
   7/16 TERMINATION JACK
60K15R-020N1 ROSENBERGER-60K15R-020N1 Datasheet
149Kb / 2P
   7/16 TERMINATION JACK
logo
Pasternack Enterprises,...
PE6146 PASTERNACK-PE6146 Datasheet
76Kb / 1P
   7/16 MALE RESISTOR TERMINATION
logo
Winchester Electronics ...
3155-6-101 WINCHESTER-3155-6-101 Datasheet
58Kb / 1P
   7-16 PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com