Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60W010-C09 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60W010-C09
Description  CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60W010-C09 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60W010-C09 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60W010-C09 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
CABLE STRIPPER
FOR PORTABLE ELECTRIC DRILL
60W010-C09
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Application feature
The Cable Preparation Tool automates the preparation of corrugated coaxial cables. All preparation
dimensions are controlled by the tools: no measuring required.
Connector Order No.:
53S115-C09N1, 53K115-C09N1, 53S215-C09N1
60S115-C09N1, 60K115-C09N1, 60S215-C09N1
Important Tool Tips and Instructions
1. Always wear safety glasses and PROTECTIVE GLOVES and don’t insert the finger into the tool.
2. To cut the cable use a hacksaw or use cable cutters in a rocking motion to maintain the
cylindrical shape of the cable.
3. Ensure that at least 20 cm (8”) of the cable is straight before using the tool.
4. The use of a cordless drill is recommended (3/8” 14.4V minimum / 1/2"18V recommended),
operate the drill in the 400-650 rpm range.
5. We recommended practicing this procedure on scrap cable to get the feel for the
process of the cable preparation and the dimensions.
6. Insert the tool on the cable and operate the drill in a fluid clockwise direction with slight forward
pressure.
7. As the inner conductor reaches the bottom of the tool, you will feel resistance and the cutting
will go slower. Keep the tool running a few extra turns to chamfer the inner conductor. This will
ensure a clean and uniform preparation.
8. Periodically mist the blades with WD-40 or similar lubricant and clean the tool body. This will
increase blades life significantly.
9. Follow additional instructions that are provided with each connector.


Similar Part No. - 60W010-C09

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W010-C01/51 ROSENBERGER-60W010-C01/51 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C02/50 ROSENBERGER-60W010-C02/50 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C05/50 ROSENBERGER-60W010-C05/50 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C05/50 ROSENBERGER-60W010-C05/50 Datasheet
167Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
More results

Similar Description - 60W010-C09

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
   Cable stripper
2007-11-07
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
   Communications Cable Stripper/Cutter
logo
Molex Electronics Ltd.
0638171600 MOLEX-0638171600 Datasheet
42Kb / 1P
   Cable Stripper for Sensor / Actuator Cables, 4.40-7.00mm Cable Diameter
08/26/2022
0638171000 MOLEX-0638171000 Datasheet
47Kb / 1P
   Cable Stripper for Sensor / Actuator Cables, 3.20-4.40mm Cable Diameter
08/26/2022
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
   Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
logo
List of Unclassifed Man...
D01021 ETC2-D01021 Datasheet
94Kb / 1P
   Cable Stripper Number 4 - 28
logo
Tripp Lite. All Rights ...
T100-PT1 TRIPPLITE-T100-PT1 Datasheet
187Kb / 2P
   Crimping Tool with Cable Stripper for Pass-Through RJ45 Plugs
logo
Molex Electronics Ltd.
0638171700 MOLEX-0638171700 Datasheet
39Kb / 1P
   Multi-Use Cable Stripper for Round and Flat Cables
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com