Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2450AD47A1590 Datasheet(PDF) 8 Page - Johanson Technology Inc.

Part # 2450AD47A1590
Description  High Frequency Ceramic Solutions
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450AD47A1590 Datasheet(HTML) 8 Page - Johanson Technology Inc.

  2450AD47A1590 Datasheet HTML 1Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 2Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 3Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 4Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 5Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 6Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 7Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 8Page - Johanson Technology Inc. 2450AD47A1590 Datasheet HTML 9Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BT/WiFi and GPS/BDS/GLNSS Quad band, Dual Feed Chip Antenna: 2.4/1.561/1.575/1.602GHz, SMD
P/N 2450AD47A1590
Detail Specification:
Page 8 of 9
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2015 Johanson Technology, Inc. All Rights Reserved
Ver 1.0
"High Frequency Ceramic Solutions"
11/10/2015
Typical Radiation Patterns
Johanson Technology, Inc. reserves the right to make design changes without notice. Please confirm the specifications
and delivery conditions when placing your order. All sales are subject to Johanson Technology, Inc. terms and conditions.
Radiation Patterns @ 1.602GHz
XY-Plane
YZ-Plane
XZ-Plane
+Z (Theta=0°)
+Y (Phi=90°)
+X (Phi=0°)


Similar Part No. - 2450AD47A1590

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AD47A1590E JOHANSON-2450AD47A1590E Datasheet
1Mb / 9P
   BT/WiFi and GPS/BDS/GLNSS Quad band, Dual Feed Chip Antenna: 2.4/1.561/1.575/1.602GHz, SMD
More results

Similar Description - 2450AD47A1590

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450DP39G5500 JOHANSON-2450DP39G5500 Datasheet
207Kb / 3P
   High Frequency Ceramic Solutions
2450DP39H5500 JOHANSON-2450DP39H5500 Datasheet
208Kb / 3P
   High Frequency Ceramic Solutions
1905BP18A0050 JOHANSON-1905BP18A0050 Datasheet
107Kb / 2P
   High Frequency Ceramic Solutions
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
   High Frequency Ceramic Solutions
2450BM15A0002E JOHANSON-2450BM15A0002E Datasheet
178Kb / 2P
   High Frequency Ceramic Solutions
4000BL14U100T JOHANSON-4000BL14U100T Datasheet
77Kb / 2P
   High Frequency Ceramic Solutions
2450BM14E0003 JOHANSON-2450BM14E0003 Datasheet
388Kb / 4P
   High Frequency Ceramic Solutions
0896BM15E0025 JOHANSON-0896BM15E0025 Datasheet
717Kb / 5P
   High Frequency Ceramic Solutions
2450AD14A5500 JOHANSON-2450AD14A5500 Datasheet
660Kb / 6P
   High Frequency Ceramic Solutions
2450BP14D0100 JOHANSON-2450BP14D0100_12 Datasheet
181Kb / 2P
   High Frequency Ceramic Solutions
0783FB15A0100E JOHANSON-0783FB15A0100E Datasheet
153Kb / 2P
   High Frequency Ceramic Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com