Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-07-J-A Datasheet(PDF) 4 Page - Amphenol Corporation

Part # B-07-J-A
Description  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-07-J-A Datasheet(HTML) 4 Page - Amphenol Corporation

  B-07-J-A Datasheet HTML 1Page - Amphenol Corporation B-07-J-A Datasheet HTML 2Page - Amphenol Corporation B-07-J-A Datasheet HTML 3Page - Amphenol Corporation B-07-J-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-177B - 09/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Thermal Time Constant
B35
• Still air at 77°F (25°C): 4.5 second
• Plunge into water: 100 msec
B43
• Still air at 77°F (25°C): 5.5 second
• Plunge into water: 140 msec
Dissipation Constant
B35
• Still air at 77°F (25°C): 0.30 mW/°C
• Still water at 77°F (25°C): 1.50 mW/°C
B43
• Still air at 77°F (25°C): 0.35 mW/°C
• Still water at 77°F (25°C): 2.00 mW/°C
Power Rating (In Air)
B35
• Maximum Power Rating: 0.035 W
• 100% Maximum Power To: 302°F (150°C)
B43
• Maximum Power Rating: 0.035 W
• 100% Maximum Power To: 302°F (150°C)
• Derated to 0% at: 572°F (300°C)
Code
Letter
R vs T
Curve
25/125
Ratio
Nominal Resistance Range
at 77°F (25°C)
B35
B43
E
0
5.0
30 to 51
Ω
30 to 51
Ω
A
1
11.8
51 to 150
Ω
51 to 150
Ω
A
2
12.5
150 to 360
Ω
150 to 360
Ω
A
3
14
360 to 750
Ω
360 to 750
Ω
A
4
16.9
750 to 1.5 k
Ω
750 to 1.5 k
Ω
A
5
19.8
1.5 to 3.6 k
Ω
1.5 to 3.6 k
Ω
A
6
22.1
3.6 to 6.2 k
Ω
3.6 to 6.2 k
Ω
A
7
22.7
6.2 to 9.1 k
Ω
6.2 to 9.1 k
Ω
B
8
29.4
9.1 to 27 k
Ω
9.1 to 27 k
Ω
B
9
30.8
27 to 43 k
Ω
27 to 43 k
Ω
B
10
32.3
43 to 75 k
Ω
43 to 75 k
Ω
B
11
35.7
75 to 160 k
Ω
75 to 160 k
Ω
B
12
38.1
160 to 360 k
Ω
160 to 360 k
Ω
B
13
45
360 to 750 k
Ω
360 to 750 k
Ω
B
14
48.1
750 to 1.5 M
Ω
750 to 1.5 M
Ω
B
15
56.5
1.5 to 3.0 M
Ω
1.5 to 3.0 M
Ω
D
16
75.6
3.0 to 8.2 M
Ω
3.0 to 8.2 M
Ω
D
17
81
8.2 to 20 M
Ω
8.2 to 20 M
Ω
Options
• Non-standard resistance tolerances
• Non-standard resistance values
• Reference temperature(s) other than 77°F (25°C) - specify
• Mounting in special housings or enclosures
• Longer continuous leads
• Welded or soldered extension leads - specify lead material,
diameter, length, and insulation, if any
• Solderable or weldable/solderable leads
• Calibration - specify temperature(s)
• Interchangeable pairs or sets, R-vs-T curve matching; specify
temperature range(s) and tolerance(s)
• Special aging and conditioning for high reliability applications
Material System (Table B)
*The zero-power resistance at 77°F (25°C), expressed in
Ω, is identified by a
three digit code number. The first two digits represent significant figures, and
the last digit specifies the number of zeros to follow. Example: 10k
Ω= “103”.
The standard resistance values are from the 24-Value series decade as specified
in Military Standard MS90178.
1.0 / 1.1 / 1.2 / 1.3 / 1.5 / 1.6 / 1.8 / 2.0 / 2.2 / 2.4 / 2.7 / 3.0
3.3 / 3.6 / 3.9 / 4.3 / 4.7 / 5.1 / 5.6 / 6.2 / 6.8 / 7.5 / 8.2 / 9.1
Ordering Information
The code number to be ordered may be specified as follows:
Code
Type
B
Glass coated bead structure
Code Diameter
05
05 mils
07
07 mils
10
10 mils
14
14 mils
35
35 mils
43
43 mils
Code
Lead Configuration
J
Adjacent leads
K
Adjacent leads with stub ends glass coated
P
Opposite leads
Code
Material System Code
X
See table A or table B for code number
Code
Power
X
Zero-power resistance as 77°F
(25°C) (see note 2 for code number)
Code
Tolerance*
F
1
G
2
J
5
K
10
L
15
M
20
N
25
P
30
Q
40
R
50
S
Non-standard (consult factory)
B -
____ - ____ - ____ - ____
- ____ Typical model number
Special tolerances are available upon request. Consult factory for special resistance tolerances, non-
standard resistances and/or non-standard temperatures.


Similar Part No. - B-07-J-A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-008-11 MACOM-B-008-11 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-13 MACOM-B-008-13 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-14 MACOM-B-008-14 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-15 MACOM-B-008-15 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-51 MACOM-B-008-51 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - B-07-J-A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
BR11 AMPHENOL-BR11 Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
logo
Innovative Sensor Techn...
P10K.520.6W.B.010.D IST-P10K.520.6W.B.010.D Datasheet
382Kb / 2P
   Platinum sensor with wires on thin substrate For high temperatures
logo
Vishay Siliconix
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
2773005112 FAIR-RITE-2773005112 Datasheet
552Kb / 5P
   73 BEAD ON LEAD
2761008112 FAIR-RITE-2761008112 Datasheet
618Kb / 5P
   61 BEAD ON LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com