Electronic Components Datasheet Search |
|
B-43-K-A Datasheet(PDF) 1 Page - Amphenol Corporation |
|
B-43-K-A Datasheet(HTML) 1 Page - Amphenol Corporation |
1 / 4 page Glass Coated Bead Thermistors NTC Type B Series Type B05/07/10/14 Small glass coated bead thermistors on fine diameter platinum alloy lead-wires. • Extremely small sizes • Very fast thermal response times • Low heat capacity and high power sensitivity • Special thin glass coatings provide hermetic seal • Suitable for self-heated applications such as: gas chromatography, thermal conductivity analysis or gas flow measurement • Normal operating/storage temperatures range from • -112°F (-80°C) to: 221°F (105°C) for Material system E0, 392°F (200°C) for Material systems A1 through A4, 572°F (300°C) for Material systems A5 through D17 • Unaffected by severe environmental exposures, including nuclear radiation • Intermittent operation to 1112°F (600°C) is permissible, however, stability will be degraded Type B35/43 Large glass coated bead thermistors on fine diameter platinum alloy lead-wires. • Suitable for most low cost temperature measurement, control or compensation applications. • Special thin glass coatings provide hermetic seal • Suitable for self-heated applications such as liquid level sensing or gas flow measurement • Normal operating/storage temperatures range from • -112°F (-80°C) to: 221°F (105°C) for Material system E0, 392°F (200°C) for Material systems A1 through A4, 572°F (300°C) for Material systems A5 through D17 • Unaffected by severe environmental exposures, including nuclear radiation • Intermittent operation to 1112°F (600°C) is permissible, however, stability will be degraded Amphenol Advanced Sensors Features |
Similar Part No. - B-43-K-A |
|
Similar Description - B-43-K-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |