Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR-55-P-A Datasheet(PDF) 4 Page - Amphenol Corporation

Part # BR-55-P-A
Description  Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BR-55-P-A Datasheet(HTML) 4 Page - Amphenol Corporation

  BR-55-P-A Datasheet HTML 1Page - Amphenol Corporation BR-55-P-A Datasheet HTML 2Page - Amphenol Corporation BR-55-P-A Datasheet HTML 3Page - Amphenol Corporation BR-55-P-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-308B - 09/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Dissipation Constant
BR32
• Still air at 77°F (25°C): 0.285 mW/°C
• Still water at 77°F (25°C): 1.4 mW/°C
BR42
• Still air at 77°F (25°C): 0.33 mW/°C
• Still water at 77°F (25°C): 1.65 mW/°C
BR55
• Still air at 77°F (25°C): 0.5 mW/°C
• Still water at 77°F (25°C): 2.50 mW/°C
Power Rating (In Air)
BR32
• Maximum Power Rating: 0.035 W
• 100% Maximum Power To: 302°F (150°C)
• Derated to 0% at: 572°F (300°C)
BR42
• Maximum Power Rating: 0.042 W
• 100% Maximum Power To: 302°F (150°C)
• Derated to 0% at: 572°F (300°C)
BR55
• Maximum Power Rating: 0.050 W
• 100% Maximum Power To: 302°F (150°C)
• Derated to 0% at: 572°F (300°C)
Code
Letter
R vs T
Curve
25/125
Ratio
Nominal Resistance Range
at 77°F (25°C)
BR32
BR42
BR55
E
0
5.0
-
30 to 51
Ω
30 to 51
Ω
A
1
11.8
100 to 300
Ω
51 to 150
Ω
51 to 150
Ω
A
2
12.5
300 to 750
Ω
150 to 360
Ω
150 to 360
Ω
A
3
14
750 to 1.5 k
Ω
360 to 750
Ω
360 to 750
Ω
A
4
16.9
1.5 to 3.0 k
Ω
750 to 1.5 k
Ω
750 to 1.5 k
Ω
A
5
19.8
3.0 to 6.8 k
Ω
1.5 to 3.6 k
Ω
1.5 to 3.6 k
Ω
A
6
22.1
6.8 to 13 k
Ω
3.6 to 6.2 k
Ω
3.6 to 6.2 k
Ω
A
7
22.7
13 to 18 k
Ω
6.2 to 9.1 k
Ω
6.2 to 9.1 k
Ω
B
8
29.4
18 to 51 k
Ω
9.1 to 27 k
Ω
9.1 to 27 k
Ω
B
9
30.8
51 to 82 k
Ω
27 to 43 k
Ω
27 to 43 k
Ω
B
10
32.3
82 to 150 k
Ω
43 to 75 k
Ω
43 to 75 k
Ω
B
11
35.7
150 to 330 k
Ω
75 to 160 k
Ω
75 to 160 k
Ω
B
12
38.1
330 to 680 k
Ω
160 to 360 k
Ω
160 to 360 k
Ω
B
13
45
680 to 1.5 M
Ω
360 to 750 k
Ω
360 to 750 k
Ω
B
14
48.1
1.5 to 3.0 M
Ω
750 to 1.5 M
Ω
750 to 1.5 M
Ω
B
15
56.5
3.0 to 6.2 M
Ω
1.5 to 3.0 M
Ω
1.5 to 3.0 M
Ω
D
16
75.6
6.2 to 10 M
Ω
3.0 to 8.2 M
Ω
3.0 to 8.2 M
Ω
D
17
81
-
8.2 to 20 M
Ω
8.2 to 20 M
Ω
Options
• Non-standard resistance tolerances
• Non-standard resistance values
• Specify reference temperature(s) if it is not 77°F (25°C)
• Mounting in special housings or enclosures
• Longer continuous leads
• Welded or soldered extension leads; specify lead material,
diameter, length, and insulation, if any.
• Solderable or weldable/solderable leads
• Leads can be pre-tinned or treated for improved soldering
• Calibration_specify temperature(s)
• Interchangeable pairs or sets, R-vs-T curve matching; specify
temperature range(s) and tolerance(s)
• Special aging and conditioning for high reliability applications
Material System (Table B)
*The zero-power resistance at 77°F (25°C), expressed in
Ω, is identified by a
three digit code number. The first two digits represent significant figures, and
the last digit specifies the number of zeros to follow. Example: 10k
Ω= “103”.
The standard resistance values are from the 24-Value series decade as specified
in Military Standard MS90178.
1.0 / 1.1 / 1.2 / 1.3 / 1.5 / 1.6 / 1.8 / 2.0 / 2.2 / 2.4 / 2.7 / 3.0
3.3 / 3.6 / 3.9 / 4.3 / 4.7 / 5.1 / 5.6 / 6.2 / 6.8 / 7.5 / 8.2 / 9.1
Ordering Information
The code number to be ordered may be specified as follows:
Code
Type
BR
Ruggedized bead structure
Code Diameter
11
11 mils
14
14 mils
16
16 mils
23
23 mils
32
32 mils
42
42 mils
55
55 mils
Code
Lead Configuration
K
Adjacent leads with stub ends glass coated
P
Opposite leads
Code
Material System Code
X
See table A or table B for code number
Code
Power
X
Zero-power resistance as 77°F (25°C)
(see note 2 for code number)
Code
Tolerance*
F
1
G
2
J
5
K
10
L
15
M
20
N
25
P
30
Q
40
R
50
S
Non-standard (consult factory)
BR -
____ - ____ - ____ - ____
- ____
Typical model number
Special tolerances are available upon request. Consult factory for special resistance tolerances, non-
standard resistances and/or non-standard temperatures.


Similar Part No. - BR-55-P-A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR-5CAM EXTECH-BR-5CAM Datasheet
169Kb / 2P
   Borescope Probe For use with the BR200 / BR250 Borescope only
More results

Similar Description - BR-55-P-A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B05 AMPHENOL-B05 Datasheet
127Kb / 4P
   Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
logo
Vishay Siliconix
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Honeywell Accelerometer...
1582240 HONEYWELL-ACC-1582240 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
PerkinElmer Optoelectro...
U1160 PERKINELMER-U1160 Datasheet
206Kb / 1P
   small Photocell Glass encapsulated housing
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com