Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR-16-K-B Datasheet(PDF) 2 Page - Amphenol Corporation

Part # BR-16-K-B
Description  Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BR-16-K-B Datasheet(HTML) 2 Page - Amphenol Corporation

  BR-16-K-B Datasheet HTML 1Page - Amphenol Corporation BR-16-K-B Datasheet HTML 2Page - Amphenol Corporation BR-16-K-B Datasheet HTML 3Page - Amphenol Corporation BR-16-K-B Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Type BR Series Specifications
Type BR Series dimensions
Type BR11/14/16/23
Thermal and Electrical Properties
The following lists the thermal and electrical
properties for all small ruggedized thermistors.
All definitions and test methods per
MIL-PRF-23648.
Body Dimensions
BR11
• Nominal diameter: 0.011 in (0.28 mm)
• Maximum diameter: 0.012 in (0.30 mm)
• Maximum length: 0.0242 in (0.610 mm)
BR14
• Nominal diameter: 0.014 in (0.36 mm)
• Maximum diameter: 0.016 in (0.41 mm)
• Maximum length: 0.032 in (0.81 mm)
BR16
• Nominal diameter: 0.016 in (0.41 mm)
• Maximum diameter: 0.017 in (0.43 mm)
• Maximum length: 0.034 in (0.86 mm)
BR23
• Nominal diameter: 0.023 in (0.58 mm)
• Maximum diameter: 0.025 in (0.63 mm)
• Maximum length: 0.056 in (1.46 mm)
Lead-Wires
BR11
• Nominal diameter: 0.0007 in (0.02 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
BR14
• Nominal diameter: 0.0011 in (0.03 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
BR16
• Nominal diameter: 0.0011 in (0.03 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
BR23
• Nominal diameter: 0.002 in (0.05 mm)
• Maximum lead length: 0.312 in (8 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
Code
Letter
R vs T
Curve
25/125
Ratio
Nominal Resistance Range at 77°F (25°C)
BR11
BR14
BR16
BR23
E
0
5.0
_
_
_
_
A
1
11.8
1 to 1.5 k
Ω
300 to 680
Ω
300 to 680
Ω
300 to 680
Ω
A
2
12.5
1.5 to 3.6 k
Ω
680 to 1.6 k
Ω
680 to 1.6 k
Ω
680 to 1.6 k
Ω
A
3
14
3.6 to 7.5 k
Ω
1.6 to 3.6 k
Ω
1.6 to 3.6 k
Ω
1.6 to 3.6 k
Ω
A
4
16.9
7.5 to 15 k
Ω
3.6 to 6.8 k
Ω
3.6 to 6.8 k
Ω
3.6 to 6.8 k
Ω
A
5
19.8
15 to 51 k
Ω
6.8 to 27 k
Ω
6.8 to 27 k
Ω
6.8 to 27 k
Ω
A
6
22.1
_
_
_
_
A
7
22.7
51 to 150 k
Ω
27 to 75 k
Ω
27 to 75 k
Ω
27 to 75 k
Ω
B
8
29.4
150 to 270 k
Ω 75 to 130 kΩ
75 to 130 k
Ω
75 to 130 k
Ω
B
9
30.8
270 to 470 k
Ω 130 to 240 kΩ 130 to 240 kΩ
130 to 240 k
Ω
B
10
32.3
470 to 750 k
Ω 240 to 360 kΩ 240 to 360 kΩ
240 to 360 k
Ω
B
11
35.7
750 to 1.6 M
Ω 360 to 820 kΩ 360 to 820 kΩ
360 to 820 k
Ω
B
12
38.1
1.6 to 2.7 M
Ω 820 to 1.3 MΩ 820 to 1.3 MΩ
820 to 1.3 M
Ω
B
13
45
2.7 to 6.8 M
Ω 1.3 to 3.36 MΩ 1.3 to 3.36 MΩ 1.3 to 3.36 MΩ
B
14
48.1
6.8 to 10 M
Ω
3.3 to 6.86 M
Ω 3.3 to 6.86 MΩ 3.3 to 6.86 MΩ
B
15
56.5
_
6.8 to 10 M
Ω
6.8 to 10 M
Ω
6.8 to 10 M
Ω
D
16
75.6
_
_
_
_
D
17
81
_
_
_
_
Material System (Table A)
Thermal Time Constant
BR11
• Still air at 77°F (25°C): 0.8 second
• Plunge into water: 12 msec
BR14
• Still air at 77°F (25°C): 1 second
• Plunge into water: 14 msec
BR16
• Still air at 77°F (25°C): 1.2 second
• Plunge into water: 16 msec
BR23
• Still air at 77°F (25°C): 1.7 second
• Plunge into water: 40 msec


Similar Part No. - BR-16-K-B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
BR-1632 PANASONIC-BR-1632 Datasheet
57Kb / 1P
   Poly-carbonmonofluoride Lithium Coin Batteries: Individual Specifications
More results

Similar Description - BR-16-K-B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B05 AMPHENOL-B05 Datasheet
127Kb / 4P
   Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
logo
Vishay Siliconix
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Honeywell Accelerometer...
1582240 HONEYWELL-ACC-1582240 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
PerkinElmer Optoelectro...
U1160 PERKINELMER-U1160 Datasheet
206Kb / 1P
   small Photocell Glass encapsulated housing
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com