Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF65 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # MF65
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MF65 Datasheet(HTML) 3 Page - Amphenol Corporation

  MF65 Datasheet HTML 1Page - Amphenol Corporation MF65 Datasheet HTML 2Page - Amphenol Corporation MF65 Datasheet HTML 3Page - Amphenol Corporation MF65 Datasheet HTML 4Page - Amphenol Corporation MF65 Datasheet HTML 5Page - Amphenol Corporation MF65 Datasheet HTML 6Page - Amphenol Corporation MF65 Datasheet HTML 7Page - Amphenol Corporation MF65 Datasheet HTML 8Page - Amphenol Corporation MF65 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Industrial
• Circuitprotection
• Temperaturemeasurement
and control
• Liquidleveldetection
• Highvoltageprotection
• Shortcircuitandother
hazard protection
• Processcontrol
• Boilersandwaterheaters
Commercial
• Highvoltageandshortcircuit
protection
• HVAC
• Energymanagement
• Liquidleveldetection
• Telecommunicationsequipment
• Computers
• Officemachines
High-Performance,CompetitivelyPriced
ProductsforaWideRangeofApplications
Aerospace
• Anti-icing
• Environmentalcontrolsystems
• Temperaturescanningsystems
Transportation
• Enginemanagement
• Dashboarddisplaysensors
• Cabincomfortsensors—non-contact
infrared, solar and light
• Circuitprotection
• Safetysystems
• Coolant/transmission
fluidpressure/temperature
• Exhaustgastemperature
• Airquality
• Active/passiveincar
Healthcare
• Tympanictemperature
• Heart/lungmachines
• Thermaldilutioncatheters(heart)
• Urinarycatheters
• Oralandskintemperature
• Sleepapnea
• Esophagealcatheters
• Glucosemonitoring
• Bodymapping
• Oxygentents
• Clinicalmattresses
• Humidifiers
• Anesthesia
• Fluidheaters
• Sterilizers
• Cultureovens
• Cryogenics
Consumer
• Electronics
• Levelcontrol
• Appliances
• Overloadprotection
• Boilersandwaterheaters
• Foodandbeverage
Calibration Services
• Primarytemperaturestandard
• NISTcalibrationservices
3


Similar Part No. - MF65

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF65 RIEDON-MF65 Datasheet
237Kb / 1P
   Film Resistors
logo
Mitsubishi Electric Sem...
MF6512M-02BJXX MITSUBISHI-MF6512M-02BJXX Datasheet
145Kb / 18P
   2.5 Flash Drive
logo
GS Yuasa Battery Sales ...
MF655 GSYUASABATTERY-MF655 Datasheet
291Kb / 1P
   Capacity (20-hour) 126Ah
MF656 GSYUASABATTERY-MF656 Datasheet
283Kb / 1P
   Capacity (20-hour) 126Ah
MF657 GSYUASABATTERY-MF657 Datasheet
233Kb / 1P
   Capacity (20-hour) 142Ah
More results

Similar Description - MF65

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com