Electronic Components Datasheet Search |
|
BR-42-P-B Datasheet(PDF) 3 Page - Amphenol Corporation |
|
BR-42-P-B Datasheet(HTML) 3 Page - Amphenol Corporation |
3 / 4 page 3 Type BR Series Specifications Dissipation Constant BR11 • Still air at 77°F (25°C): 0.065 mW/°C • Still water at 77°F (25°C): 0.33 mW/°C BR14 • Still air at 77°F (25°C): 0.10 mW/°C • Still water at 77°F (25°C): 0.50 mW/°C BR16 • Still air at 77°F (25°C): 0.12 mW/°C • Plunge into water: 0.60 mW/°C BR23 • Still air at 77°F (25°C): 0.18 mW/°C • Plunge into water: 0.9 mW/° Power Rating (In Air) BR11 • Maximum Power Rating: 0.007 W • 100% Maximum Power To: 257°F (125°C) • Derated to 0% at: 572°F (300°C) BR14 • Maximum Power Rating: 0.015 W • 100% Maximum Power To: 257°F (125°C) • Derated to 0% at: 572°F (300°C) BR16 • Maximum Power Rating: 0.015 W • 100% Maximum Power To: 257°F (125°C) • Derated to 0% at: 572°F (300°C) BR23 • Maximum Power Rating: 0.020 W • 100% Maximum Power To: 257°F (125°C) • Derated to 0% at: 572°F (300°C) Options • Non-standard resistance tolerances • Non-standard resistance values • Specify reference temperature(s) if it is not 77°F (25°C) • Mounting in special housings or enclosures • Longer continuous leads • Welded or soldered extension leads_specify lead material, diameter, length, and insulation, if any. • Solderable or weldable/solderable leads • Leads can be pre-tinned or treated for improved soldering • Calibration_specify temperature(s) • Interchangeable pairs or sets, R-vs-T curve matching; specify temperature range(s) and tolerance(s) • Special aging and conditioning for high reliability applications Type BR32/42/55 Thermal and Electrical Properties The following lists the thermal and electrical properties for all large ruggedized thermistors. All definitions and test methods per MIL-PRF-23648. Body Dimensions BR32 • Nominal diameter: 0.032 in (0.81 mm) • Maximum diameter: 0.033 in (0.84 mm) • Maximum length: 0.084 in (2.1 mm) BR42 • Nominal diameter: 0.042 in (1.16 mm) • Maximum diameter: 0.046 in (1.2 mm) • Maximum length: 0.095 in (2.4 mm) BR55 • Nominal diameter: 0.055 in (1.41 mm) • Maximum diameter: 0.060 in (1.5 mm) • Maximum length: 0.120 in (3 mm) Lead-Wires BR32 • Nominal diameter: 0.003 in (0.08 mm) • Maximum lead length: 0.312 in (7.9 mm) • Lead material: platinum alloy • Available cuts: “K” adjacent or “P” opposite BR42 • Nominal diameter: 0.004 in (0.10 mm) • Maximum lead length: 0.312 in (7.9 mm) • Lead material: platinum alloy • Available cuts: “K” adjacent or “P” opposite BR55 • Nominal diameter: 0.004 in (0.10 mm) • Maximum lead length: 0.312 in (7.9 mm) • Lead material: platinum alloy • Available cuts: “K” adjacent or “P” opposite Thermal Time Constant BR32 • Still air at 77°F (25°C): 4.5 second • Plunge into water: 90 msec BR42 • Still air at 77°F (25°C): 5 second • Plunge into water: 140 msec BR55 • Still air at 77°F (25°C): 7 second • Plunge into water: 200 msec |
Similar Part No. - BR-42-P-B |
|
Similar Description - BR-42-P-B |