Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDP Datasheet(PDF) 4 Page - Amphenol Corporation

Part # NDP
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDP Datasheet(HTML) 4 Page - Amphenol Corporation

  NDP Datasheet HTML 1Page - Amphenol Corporation NDP Datasheet HTML 2Page - Amphenol Corporation NDP Datasheet HTML 3Page - Amphenol Corporation NDP Datasheet HTML 4Page - Amphenol Corporation NDP Datasheet HTML 5Page - Amphenol Corporation NDP Datasheet HTML 6Page - Amphenol Corporation NDP Datasheet HTML 7Page - Amphenol Corporation NDP Datasheet HTML 8Page - Amphenol Corporation NDP Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Critical Information for
RealTimeDecisions
From cabin comfort to test cell
systems monitoring, our sensors play
a role in temperature measurement
for commercial, civil and military
aerospaceapplications—fixed-wing
and rotary, and both engine and
airframe.
Sensors monitor engine thrust,
reliability and emissions in test
cells, while also monitoring test cell
throughput.Inthecabin,ourHVAC
sensors provide climate control for
a comfortable environment while
a variety of other sensors monitor
temperature in appliances like coffee
makers, microwaves and refrigerators.
For Flight
On the Road
Today’s increasingly complex engine
management systems rely upon
sensors to monitor, measure and
control vehicle performance including
fuel economy, safety, and control of
exhaust emissions.
Ourcomprehensiveproductrange
includes temperature sensors for use
in coolant or transmission fluid; high
temperature sensors to measure
exhaustgastemperature;IR,gasand
humidity sensors for cabin comfort;
and solar and light sensors.
Oursingle-pieceleadframe
construction reduces the number of
interconnections and ensures more
reliable performance.
Electronic circuitry and sensitive
system components demand
thermistor protection and control.
Ourcustom-designcapabilityand
problem solving expertise mean that
we can offer innovative solutions in
circuit protection; and temperature
measurement and control.
Oursensorsexcelatapplications
such as process control energy
management,HVACsystems,power
supplies, transformers, motor soft start
and general time delay units. They
are used to control critical process
temperature.
Oursimple-to-integratesensorsare
designed to meet the rapidly changing
demands of deregulated and global
markets for high-technology sensors.
At the Office
4


Similar Part No. - NDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDP-243 ETC2-NDP-243 Datasheet
230Kb / 1P
   Converter Modules
NDP-243U2 ETC2-NDP-243U2 Datasheet
230Kb / 1P
   Converter Modules
logo
Inchange Semiconductor ...
NDP02N60Z ISC-NDP02N60Z Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDP02N60ZG ONSEMI-NDP02N60ZG Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
Yamaichi Electronics Co...
NDP036-002-BF YAMAICHI-NDP036-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
More results

Similar Description - NDP

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com