Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL202C2R3 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NDL202C2R3
Description  Thermometrics Epoxy-Coated Chip Thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDL202C2R3 Datasheet(HTML) 2 Page - Amphenol Corporation

  NDL202C2R3 Datasheet HTML 1Page - Amphenol Corporation NDL202C2R3 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R25
W
Material
System
B Value
25/85°C
K
Maximum
Operating
Temperature
°F (°C)
Code
R25°C ± 1%
Code
R25°C ± 2%
Code
R25°C ± 3%
Code
R25°C ± 5%
Code
R25°C ± 10%
1000
2
3540±1%
257(125)
NDL102C2R1
NDL102C2R2
NDL102C2R3
NDL102C2R5
NDL102C2R10
2000
2
3540±1%
257(125)
NDL202C2R1
NDL202C2R2
NDL202C2R3
NDL202C2R5
NDL202C2R10
5000
2
3540±1%
257(125)
NDL502C2R1
NDL502C2R2
NDL502C2R3
NDL502C2R5
NDL502C2R10
1000
2A
3627±1%
257(125)
NDL102C2AR1
NDL102C2AR2
NDL102C2AR3
NDL102C2AR5
NDL102C2AR10
2000
2A
3627±1%
257(125)
NDL202C2AR1
NDL202C2AR2
NDL202C2AR3
NDL202C2AR5
NDL202C2AR10
5000
2A
3627±1%
257(125)
NDL502C2AR1
NDL502C2AR2
NDL502C2AR3
NDL502C2AR5
NDL502C2AR10
2700
1
3977±0.75%
311(155)
NDL272C1R1
NDL272C1R2
NDL272C1R3
NDL272C1R5
NDL272C1R10
5000
1
3977±0.75%
311(155)
NDL502C1R1
NDL502C1R2
NDL502C1R3
NDL502C1R5
NDL502C1R10
10000
1
3977±0.75%
311(155)
NDL103C1R1
NDL103C1R2
NDL103C1R3
NDL103C1R5
NDL103C1R10
30000
1
3977±0.75%
311(155)
NDL303C1R1
NDL303C1R2
NDL303C1R3
NDL303C1R5
NDL303C1R10
50000
1
3977±0.75%
311(155)
NDL503C1R1
NDL503C1R2
NDL503C1R3
NDL503C1R5
NDL503C1R10
10000
4A
3436±1%
311(155)
NDL103C4AR1
NDL103C4AR2
NDL103C4AR3
NDL103C4AR5
NDL103C4AR10
12000
5
3740±1%
257(125)
NDL123C5R1
NDL123C5R2
NDL123C5R3
NDL123C5R5
NDL123C5R10
See separate tables for resistance - temperature data.
0.095 in
(2.4 mm)
max
0.095 in
(2.4 mm)
max
0.195 in (5 mm)
max
0.117 in (3 mm)
max
Ø 0.00787 in (0.2 mm)
2.5 in (65 mm) min
TypeNDLSpecifications
Epoxy-coatedchipthermistor
NTC Type NDL Dimensions
Options
• Otherresistancevalueswithintheranges
shown;e.g.codeNDL152C2R1for1500
W±1%
at77°F(25ºC)intherangeof32°F(0ºC)upto
themaximumoperatingtemperature
• Alternativereferencetemperatures
• Wirelengths1.181into23.62in(30mmto600
mm)(±1mmor±2%,whicheveristhegreater)
• Otherwirematerials
Data
• Operatingtemperaturerange:
-40°Fto311°F(-40°Cto155°C)
• Thermaltimeconstant:<10s
• Dissipationfactor:2.2mW/K
• Voltageinsulation:500VDC
• Packing:500/box
AAS-920-572B-09/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors


Similar Part No. - NDL202C2R3

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL2405S CANDD-NDL2405S Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL2405SC MURATA-NDL2405SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Murata Power Solutions ...
NDL2405SC MURATA-PS-NDL2405SC Datasheet
288Kb / 6P
   Isolated 2W Wide Input Single Output DC-DC Converters
2023
logo
C&D Technologies
NDL2409S CANDD-NDL2409S Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL2409SC MURATA-NDL2409SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
More results

Similar Description - NDL202C2R3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM102C2R1 AMPHENOL-NDM102C2R1 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDP102C2R1 AMPHENOL-NDP102C2R1 Datasheet
72Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
logo
Vishay Siliconix
NTCLE213E3 VISHAY-NTCLE213E3 Datasheet
84Kb / 3P
   NTC Thermistor, Epoxy Coated Mini Sensor
Revision: 02-Feb-15
NTCLE213E3 VISHAY-NTCLE213E3_V01 Datasheet
91Kb / 3P
   NTC Thermistor, Epoxy Coated Mini Sensor
01-Jan-2022
logo
Amphenol Corporation
GC11 AMPHENOL-GC11 Datasheet
67Kb / 4P
   Thermometrics Glass Encapsulated NTC Chip Thermistor
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
   44006RC Precision Epoxy NTC Thermistor
Rev A
logo
Abracon Corporation
AIAP-01-102 ABRACON-AIAP-01-102 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com