Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP60-D-D-202 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # SP60-D-D-202
Description  Ultra-stable Probe Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP60-D-D-202 Datasheet(HTML) 4 Page - Amphenol Corporation

  SP60-D-D-202 Datasheet HTML 1Page - Amphenol Corporation SP60-D-D-202 Datasheet HTML 2Page - Amphenol Corporation SP60-D-D-202 Datasheet HTML 3Page - Amphenol Corporation SP60-D-D-202 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-248B - 12/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Ordering Information
The code number to be ordered may be specified as follows:
Code
Model Number
SP
60
SP
65
SP
85
SP
100
Code Probe Length
A
1/8 in (3.175 mm)
B
1/4 in (6.35 mm)
D
1/2 in (12.7 mm)
Code Material System Code
X
See table B for codes
Code Zero-power resistance @ 77°F (25°C)**
202
See Note 2
Code Tolerance*
F
1
G
2
J
5
K
10
L
15
M
20
N
25
P
30
Q
40
R
50
S
Non-standard (specify value)
Code
Temperature Class Stability
A
221°F (105°C) maximum
B
392°F (200°C) maximum
C
572°F (300°C) maximum
Code Group (Resistance Change)
1
.02% per year
2
.05% per year
3
.075% per year
4
.1% per year
5
.2% per year
6
.5% per year
SP
____ - ____ - ____ - ____ - ____ - ____ - ____
Typical model number
*Special tolerances are available on request. Consult the factory for special resistance tolerances, non-standard resistances and/or non-
standard temperatures.
**The zero-power resistance at 77°F (25°C), expressed in ohms, is identified by a three digit code number. The first two digits represent
significant figures, and the last digit specifies the number of zeros to follow. Example: 2k Ohms =“202”. The standard resistance val-
ues are from the 24-Value series decade as specified in Military Standard MS90178. 1.0 / 1.1 / 1.2 / 1.3 / 1.5 / 1.6 / 1.8 / 2.0 / 2.2 / 2.4
/ 2.7 / 3.0 3.3 / 3.6 / 3.9 / 4.3 / 4.7 / 5.1 / 5.6 / 6.2 / 6.8 / 7.5 / 8.2 / 9.1


Similar Part No. - SP60-D-D-202

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SP60-2000 COPAL-SP60-2000 Datasheet
94Kb / 2P
   STEPPING MOTORS
More results

Similar Description - SP60-D-D-202

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
   Ultra Stable
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
   Ultra Stable
logo
List of Unclassifed Man...
ATC800C ETC2-ATC800C Datasheet
191Kb / 5P
   Ultra-Stable Performance
ATC800E ETC2-ATC800E Datasheet
142Kb / 5P
   Ultra-Stable Performance
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC700C ETC2-ATC700C Datasheet
283Kb / 6P
   Ultra-Stable Performance
logo
Vishay Siliconix
VJHIFREQ VISHAY-VJHIFREQ Datasheet
144Kb / 11P
   Ultra-stable dielectric material
Revision: 13-Dec-16
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
   Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
   Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
   Probe assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com