Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP100-D-D-202 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # SP100-D-D-202
Description  Ultra-stable Probe Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP100-D-D-202 Datasheet(HTML) 1 Page - Amphenol Corporation

  SP100-D-D-202 Datasheet HTML 1Page - Amphenol Corporation SP100-D-D-202 Datasheet HTML 2Page - Amphenol Corporation SP100-D-D-202 Datasheet HTML 3Page - Amphenol Corporation SP100-D-D-202 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra-stable Probe
Thermistors
NTC Type
SP Series
Data
The temperature class represents the maximum
permissible continuous operating or storage tem-
perature available. The stability group represents the
maximum drift rate, in percent resistance change
per year, of the thermistor, when operated or stored
at all temperatures up to the maximum rating. Ultra-
stable Probe Thermistors should not be exposed to
temperatures higher than the maximum rating, as
this will degrade their stability and void the stability
classification. When specified, additional precon-
ditioning can be preformed to stabilize units for a
particular application.
Applications
The NTC Type SP60, SP65, SP85, and SP100 Ultra-
stable Probe Thermistors may be used in all temper-
ature measurement and control applications with the
added assurance of long term stability and reliability.
They are the ideal choice for use as secondary stan-
dards in laboratories.
Amphenol
Advanced Sensors
The NTC Type SP60, SP65, SP85, and SP100 Ultra-stable Probe Thermistors have similar construction and
dimensions to the Type P60, P65, P85, and P100 Probe Thermistors. Ultra-stable Probe Thermistors receive
additional processing to assure their continuous use in one of three temperature classes and are catego-
rized into one of six stability groups.


Similar Part No. - SP100-D-D-202

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP100-12 ASTRODYNE-SP100-12 Datasheet
343Kb / 4P
   100W Single Output with PFC Function
SP100-12-DRL ASTRODYNE-SP100-12-DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
SP100-13.5 ASTRODYNE-SP100-13.5 Datasheet
343Kb / 4P
   100W Single Output with PFC Function
SP100-13.5-DRL ASTRODYNE-SP100-13.5-DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
SP100-15 ASTRODYNE-SP100-15 Datasheet
343Kb / 4P
   100W Single Output with PFC Function
More results

Similar Description - SP100-D-D-202

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
   Ultra Stable
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
   Ultra Stable
logo
List of Unclassifed Man...
ATC800C ETC2-ATC800C Datasheet
191Kb / 5P
   Ultra-Stable Performance
ATC800E ETC2-ATC800E Datasheet
142Kb / 5P
   Ultra-Stable Performance
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC700C ETC2-ATC700C Datasheet
283Kb / 6P
   Ultra-Stable Performance
logo
Vishay Siliconix
VJHIFREQ VISHAY-VJHIFREQ Datasheet
144Kb / 11P
   Ultra-stable dielectric material
Revision: 13-Dec-16
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
   Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
   Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
   Probe assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com