Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC16 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # GC16
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC16 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button GC16 Datasheet HTML 5Page - Amphenol Corporation GC16 Datasheet HTML 6Page - Amphenol Corporation GC16 Datasheet HTML 7Page - Amphenol Corporation GC16 Datasheet HTML 8Page - Amphenol Corporation GC16 Datasheet HTML 9Page - Amphenol Corporation GC16 Datasheet HTML 10Page - Amphenol Corporation GC16 Datasheet HTML 11Page - Amphenol Corporation GC16 Datasheet HTML 12Page - Amphenol Corporation GC16 Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NTCThermistors
Cryogenic thermistors
RL1004
RL060628
CTP60
CTP65
CTP85
CTP100
ü ü
ü
• Suitableforuseatvery
lowtemperatures—
down to
-196°C
Cryogenic
temperature
measurement
Unleaded discs
KU
UD20
0706
1403
1703
1803
2006
3006
ü ü
•Widerangeof
resistance vs
temperature curves
• Customdesign
Automotive engine
temperature
sensing
Description
Codes
Key Features
Typical Uses
9


Similar Part No. - GC16

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GC16 AMPHENOL-GC16 Datasheet
107Kb / 4P
   Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
logo
Mean Well Enterprises C...
GC160 MEANWELL-GC160 Datasheet
142Kb / 2P
   160W Single Output Battery Charger
logo
Microsemi Corporation
GC1600 MICROSEMI-GC1600 Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1600-30 MICROSEMI-GC1600-30 Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1600A MICROSEMI-GC1600A Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
More results

Similar Description - GC16

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com