Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61S6432-6PQ Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61S6432-6PQ
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61S6432-6PQ Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61S6432-6PQ Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61S6432-6PQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PB
Integrated Silicon Solution, Inc. • 1-800-379-4774
Rev.B
06/28/01
IS61S6432
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-200(1)
-166
-133
-117
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max
Unit
tKC
Cycle Time
5
6
7.5
8.5
ns
tKH
Clock High Time
1.6
2.4
2.8
3
ns
tKL
Clock Low Time
1.6
2.4
2.8
3
ns
tKQ
Clock Access Time
4
5
5
5ns
tKQX(2)
Clock High to Output Invalid
1
1.5
1.5
1.5
ns
tKQLZ(2,3)
Clock High to Output Low-Z
0
0
0
0
ns
tKQHZ(2,3)
Clock High to Output High-Z
1
3.5
1.5
5
1.5
5
1.5
6
ns
tOEQ
Output Enable to Output Valid
3.5
5
5
5ns
tOEQX(2)
Output Disable to Output Invalid
0
0
0
0
ns
tOELZ(2,3)
Output Enable to Output Low-Z
0
0
0
0
ns
tOEHZ(2,3)
Output Disable to Output High-Z
3
3
3
4ns
tAS
Address Setup Time
2
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2
2.5
2.5
2.5
ns
tWS
Write Setup Time
2
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2
2.5
2.5
2.5
ns
tAVS
Address Advance Setup Time
2
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
0.5
0.5
ns
tCFG(4)
Configuration Setup
25
25
30
35
ns
Notes:
1. ADVANCE INFORMATION ONLY.
2. Guaranteed but not 100% tested. This parameter is periodically sampled.
3. Tested with load in Figure 2.
4. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IS61S6432-6PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61S6432-6PQ ICSI-IS61S6432-6PQ Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432-6PQI ICSI-IS61S6432-6PQI Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IS61S6432-6PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com