Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3680IKS-4.1-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3680IKS-4.1-T1
Description  Lithium-Ion Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3680IKS-4.1-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3680IKS-4.1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3680IKS-4.1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AAT3680
Lithium-Ion Linear Battery Charge Controller
6
3680.2003.4.0.91
Constant Voltage Charging
When the battery's voltage reaches VCH during
constant-current mode, the AAT3680 transitions to
constant-voltage mode. The regulation voltage is
factory programmed: 4.1V and 4.2V (or 8.2V and
8.4V for two-cell applications) are available to sup-
port different anode materials in Lithium Ion cells.
In constant-voltage operation, the AAT3680 moni-
tors the cell voltage and terminates the charging
cycle when the voltage across RSENSE decreases to
approximately 10mV.
Charge Cycle Termination, Recharge
Sequence
After the charge cycle is complete, the AAT3680
latches off the pass device and automatically enters
power-saving sleep mode. Either of two possible
conditions will bring the IC out of sleep mode: the
battery voltage at the BAT pin drops below VRCH
(recharge threshold voltage) or the AAT3680 is reset
by cycling the input supply through the power-on
sequence. Falling below VRCH signals the IC that it
is time to initiate a new charge cycle.
Figure 1: AAT3680 Operational Flow Chart
UVLO
Temperature Test
TS > V
TS1
TS < V
TS2
Power On Reset
Power On Reset
Preconditioning Test
Current Phase Test
V
CH >VBAT
V
MIN >VBAT
V
TERM
R
SENSE
<V
RCH
Voltage
Phase Test
V
P > VUVLO
Shut Down
Mode
Shut Down
Mode
Yes
No
Yes
Yes
Low Current
Conditioning
Charge
Low Current
Conditioning
Charge
(Trickle Charge)
Temperature
Fault
Temperature
Fault
No
No
Current
Charging
Mode
Current
Charging
Mode
Yes
Voltage
Charging
Mode
Voltage
Charging
Mode
< I
BAT
No
Yes
No
Charge Complete
Latch Off
Charge Complete
Latch Off


Similar Part No. - AAT3680IKS-4.1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
More results

Similar Description - AAT3680IKS-4.1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com