Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3680IKS-8.2-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3680IKS-8.2-T1
Description  Lithium-Ion Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3680IKS-8.2-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3680IKS-8.2-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3680IKS-8.2-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AAT3680
Lithium-Ion Linear Battery Charge Controller
10
3680.2003.4.0.91
Applications Information
Choosing an External Pass Device
(PNP or PMOS)
The AAT3680 is designed to work with either a
PNP transistor or P-Channel Power MOSFET.
Selecting one or the other requires looking at the
design tradeoffs including performance versus cost
issues. Refer to the following design guide for
selecting the proper device:
PNP Transistor:
In this design example, we will use the following
conditions: VP=5V (with 10% supply tolerance),
ICHARGE(REG) = 600mA, 4.2V single cell Lithium Ion
pack. VP is the input voltage to the AAT3680, and
ICHARGE(REG) is the desired fast-charge current.
1. The first step is to determine the maximum
power dissipation (PD) in the pass transistor. Worst
case is when the input voltage is the highest and
the battery voltage is at the lowest during fast-
charge (this is referred to as VMIN, nominally 3.1V
when the AAT3680-4.2 transitions from trickle-
charge to constant-current mode). In this equation
VCS is the voltage across RSENSE.
PD = (VP(MAX) - VCS - VMIN) · ICHARGE(REG)
PD = (5.5V - 0.1V - 3.1V) · 600mA
PD = 1.38W
2. The next step is to determine which size package
is needed to keep the junction temperature below its
rated value, TJ(MAX). Using this value, and the maxi-
mum ambient temperature inside the system TA(MAX),
calculate the thermal resistance RθJA required:
RθJA =
(TJ(MAX) - TA(MAX))
PD
RθJA =
(150 - 40)
1.38
RθJA = 80°C/W
It is recommended to choose a package with a lower
RθJA than the number calculated above. A SOT223
package would be an acceptable choice, as it has an
RθϑΑ of 62.5°C/W when mounted to a PCB with ade-
quately sized copper pad soldered to the heat tab.
3. Choose a collector-emitter (VCE) voltage rating
greater than the input voltage. In this example, VP
is 5.0V, so a 15V device is acceptable.
4. Choose a transistor with a collector current rating
at least 50% greater than the programmed
ICHARGE(REG) value. In this example we would select
a device with at least 900mA rating.
5. Calculate the required current gain (
β or hFE):
βMIN =
IC(MAX)
IB(MIN)
βMIN =
0.60
0.02
βMIN = 30
where IC(MAX) is the collector current (which is the
same as ICHARGE(REG)), and IB(MIN) is the minimum
amount of base current drive shown in Electrical
Characteristics as ISINK. Important Note: The cur-
rent gain (
β or hFE) can vary a factor of 3 over tem-
perature, and drops off significantly with increased
collector current. It is critical to select a transistor
with
β, at full current and lowest temperature,
greater than the
βMIN calculated above.
In summary, select a PNP transistor with ratings
VCE ≥ 15V, RθJA ≤ 80°C/W, IC ≥ 900mA, βMIN ≥ 30 in
a SOT223 (or better thermal) package.
P-Channel Power MOSFET:
In this design example, as shown in Figure 5, we
will use the following conditions: VP = 5V (with 10%
supply tolerance), ICHARGE(REG) = 750mA, 0.4V
Schottky diode, 4.2V single cell Lithium Ion pack.
VP is the input voltage to the AAT3680, and
ICHARGE(REG) is the desired fast-charge current.
1. The first step is to determine the maximum
power dissipation (PD) in the pass transistor. Worst
case is when the input voltage is the highest and
the battery voltage is at the lowest during fast-
charge (this is referred to as VMIN, nominally 3.1V
when the AAT3680-4.2 transitions from trickle-
charge to constant-current mode). In this equation
VCS is the voltage across RSENSE, and VD is the
voltage across the reverse-current blocking diode.
Refer to section below titled Schottky Diode for
further details. Omit the value for VD in the equa-
tion below if the diode is not used.


Similar Part No. - AAT3680IKS-8.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
More results

Similar Description - AAT3680IKS-8.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com