Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-BGA365A-B-42 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-BGA365A-B-42
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-BGA365A-B-42 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-BGA365A-B-42 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23.00mm [0.906"]
1.00mm
[0.039"]
1.00mm
[0.039"]
0.51mm
[0.020"]
2.87mm
[0.113"]
Description: Giga-snaP BGA SMT Foot
365 position (1.0mm pitch) gold plated female receptacle pins to SMT solder balls (BGA type). Pin asignment 1:1.
Status: Released
Drawing: S. Huang
Scale: 4:1
Rev: A
Date: 1/25/2012
Modified:
File: SF-BGA365A-B-42(F) Dwg
SF-BGA365A-B-42(F) Drawing
© 2012 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
1
Substrate: 1.59mm ±0.18mm [0.0625" ±0.007"]
FR4/G10 or equivalent high temp material. (RoHS)
2
Top View
Side View
Pins: material- Brass Alloy 360 1/2 hard; finish-
0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
3
Contacts: Beryllium Copper Alloy172, HT; Finish-
0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
Patent Pending
4
Solder Balls (See table above)
CONTACT DATA
Accepts 0.20mm - 0.33mm Diameter pins
3-finger
37/25 gram, Initial insertion force (with 0.254mm/0.203mm dia. pin)
30/22 gram, normal force (with 0.254mm/0.203mm dia. pin)
20/17 gram, extraction force (with 0.254mm0.203mm dia. pin)
Ordering Information:
Solder Ball Alloy
Part Number Suffix
Sn63Pb37
*RoHS Compliant
-42
Sn96.5Ag3.0Cu0.5
-42F*
2
4
1
3
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.18mm [±0.007"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Detail A
Detail A
1.33mm
[0.052"]
2.36mm
[0.093"]


Similar Part No. - SF-BGA365A-B-42

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA360A-B-32 IRONWOOD-SF-BGA360A-B-32 Datasheet
50Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA360A-B-72 IRONWOOD-SF-BGA360A-B-72 Datasheet
47Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA360A-B-72F IRONWOOD-SF-BGA360A-B-72F Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA361A-B-32 IRONWOOD-SF-BGA361A-B-32 Datasheet
50Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA361E-B-05 IRONWOOD-SF-BGA361E-B-05 Datasheet
145Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - SF-BGA365A-B-42

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com