Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3680IKS-8.4-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3680IKS-8.4-T1
Description  Lithium-Ion Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3680IKS-8.4-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3680IKS-8.4-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3680IKS-8.4-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AAT3680
Lithium-Ion Linear Battery Charge Controller
8
3680.2003.4.0.91
High Speed Data Reporting
An optional system microcontroller interface can be
enabled by pulling the T2X pin up to 4.5V to 5.5V
during power-up sequence. The T2X pin should be
pulled high with the use of a 100k
Ω resistor. If the
input supply to VP will not exceed 5.5V, then the
T2X pin may be tied directly to VP through a 100k
resistor. Since this is a TTL level circuit, it may not
be pulled higher than 5.5V without risk of damage
to the device.
When the high speed data report feature is enabled,
the STAT output periods are sped up to 40µs, mak-
ing the total status word 160µs in length. See Figure
3 below.
An additional feature is the Output Status for Battery
Not Detected state. When the AAT3680 senses there
is no battery connected to the BAT pin, the STAT pin
cycles for two periods, then remains off for two periods.
When in High Speed Data Reporting, the AAT3680
will only trickle charge at the 2x trickle charge level.
This is because the TX2 pin is pull high the enable
the high speed data reporting.
A status display LED may not be not be connected
to the STAT pin when the high speed data reporting
is being utilized. If both display modes are required,
the display LED must be switched out the circuit
before the T2X pin is pulled high. Failing to do so
could cause problems with the high speed switching
control circuits internal to the AAT3680.
Figure 3: Microcontroller Interface Logic Output
Sleep / Charge Complete
Temp., OC, OV Fault
Battery Conditioning
Constant Current Mode
Constant Voltage Mode
HI / HI / HI / HI
LO / LO / HI / HI
LO / LO / LO / LO
LO / HI / HI / HI
LO / LO / LO / HI
Charge Status
Output Status
STAT Level
Figure 2: LED Display Output
Sleep / Charge Complete
Temp., OC, OV Fault
Battery Conditioning
Constant Current Mode
Constant Voltage Mode
off / off / off / off
on / on / off / off
on / on / on / on
on / off / off / off
on / on / on / off
Charge Status
Output Status
LED Display
on/off
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
on/off
on/off
on/off


Similar Part No. - AAT3680IKS-8.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
More results

Similar Description - AAT3680IKS-8.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com