Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591D157X_004R2T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 591D157X_004R2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D157X_004R2T Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 591D157X_004R2T Datasheet HTML 2Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 3Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 4Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 5Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 6Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 7Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 8Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 9Page - Vishay Siliconix 591D157X_004R2T Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.vishay.com
97
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
Units Per Reel
13" [330]
Reel
7" [178]
Reel
Component
Pitch
Tape
Width
Case
Code
Embossment
Carrier
Top
Cover
Tape
Thickness
Standard orientation is with the
cathode (-) nearest to the sprocket
holes per EIA-481-1 and IEC 286-3.
TAPE AND REEL PACKAGING
Bending Radius
(Note 2)
R
Min.
A
8mm
4mm
2500
10,000
B
12mm
4mm
2000
8000
C
12mm
8mm
1000
4000
D
12mm
8mm
1000
4000
R
12mm
8mm
1000
4000
U
12mm
8mm
1000
4000
V
12mm
8mm
1000
4000
W
12mm
8mm
1000
2500


Similar Part No. - 591D157X_004R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D157X_004R2_15H VISHAY-591D157X_004R2_15H Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
More results

Similar Description - 591D157X_004R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
591D VISHAY-591D_17 Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D VISHAY-591D_08 Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com