Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2164X3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # CG2164X3
Description  Dual-Band Wireless DPDT RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2164X3 Datasheet(HTML) 3 Page - California Eastern Labs

  CG2164X3_16 Datasheet HTML 1Page - California Eastern Labs CG2164X3_16 Datasheet HTML 2Page - California Eastern Labs CG2164X3_16 Datasheet HTML 3Page - California Eastern Labs CG2164X3_16 Datasheet HTML 4Page - California Eastern Labs CG2164X3_16 Datasheet HTML 5Page - California Eastern Labs CG2164X3_16 Datasheet HTML 6Page - California Eastern Labs CG2164X3_16 Datasheet HTML 7Page - California Eastern Labs CG2164X3_16 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CG2164X3
This document is subject to change without notice.
3
PRELIMINARY DATASHEET
ELECTRICAL CHARACTERISTICS
(TA=+25°C
, VC(H)=3.0V, VC(L)=0V, Zo=50Ω, DC Block Capacitance=8pF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss
Lins1
f = 2.4 to 2.5 GHz
-
0.40
0.60
dB
Lins2
f = 4.9 to 6.0 GHz
-
0.50
0.80
dB
Isolation
(ANT to TX,RX)
ISL1
f = 2.4 to 2.5 GHz
20
23
-
dB
ISL2
f = 4.9 to 6.0 GHz
12
15
-
dB
Isolation
(ANT1 to ANT2, TX to RX)
ISL3
f = 2.4 to 2.5 GHz
22
25
-
dB
ISL4
f = 4.9 to 6.0 GHz
15
18
-
dB
Return Loss
RL1
f = 2.4 to 2.5 GHz
-
15
-
dB
RL2
f = 4.9 to 6.0 GHz
-
15
-
dB
0.5 dB Loss Compression
Input Power
Note
Pin(0.5dB)
f = 2.4 to 2.5 GHz
-
+32
-
dBm
f = 4.9 to 6.0 GHz
-
+30
-
dBm
2nd Harmonics
2f0
f = 2.5 GHz, Pin=+20dBm
-
85
-
dBc
f = 6.0 GHz, Pin=+20dBm
-
80
-
dBc
3rd Harmonics
3f0
f = 2.5 GHz, Pin=+20dBm
-
85
-
dBc
f = 6.0 GHz, Pin=+20dBm
-
85
-
dBc
3rd Order Input
Intercept Point
IIP3
f = 2.5GHz
2-tone 1MHz Spacing
-
+55
-
dBm
Switch Control Speed
tsw
50% CTL to 90/10%
-
30
-
ns
Switch Control Current
Icont
Non RF
-
2
-
μA
Note Pin(0.5dB) is the measured input power level when the insertion loss increases 0.5dB more than that of the linear
range.


Similar Part No. - CG2164X3_16

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2164X3-C2 CEL-CG2164X3-C2 Datasheet
763Kb / 7P
   Dual-Band Wireless DPDT RF Switch
CG2164X3-EVAL CEL-CG2164X3-EVAL Datasheet
763Kb / 7P
   Dual-Band Wireless DPDT RF Switch
More results

Similar Description - CG2164X3_16

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2164X3 CEL-CG2164X3 Datasheet
763Kb / 7P
   Dual-Band Wireless DPDT RF Switch
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
PG2162T5N RENESAS-PG2162T5N Datasheet
202Kb / 11P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2164T5N NEC-UPG2164T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
   DUAL BAND WIRELESS LAN RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com