Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2176X3-EVAL Datasheet(PDF) 6 Page - California Eastern Labs

Part # CG2176X3-EVAL
Description  50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2176X3-EVAL Datasheet(HTML) 6 Page - California Eastern Labs

  CG2176X3-EVAL Datasheet HTML 1Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 2Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 3Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 4Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 5Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 6Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 7Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CG2176X3
This document is subject to change without notice.
6
REVISION HISTORY
Version
Change to current version
Page(s)
CDS-0014-09 (Issue A)
February 17, 2016
Initial datasheet
N/A
CDS-0014-09 (Issue B)
March 24, 2016
Added Eval Board ordering information
Updated Marking information
1, 2
CDS-0014-10 (Issue C)
March 31, 2016
Updated Max Insertion Loss f = 4.9 to 5.85 GHz, from 0.70dB to
0.75dB
3
CDS-0014-10 (Issue D)
August 11, 2016
Removed
“preliminary”
All
CDS-0014-10 (Issue E)
January 11, 2017
Revised Electrical Characteristics table
Added “Recommended Soldering Conditions” section
3, 5


Similar Part No. - CG2176X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
More results

Similar Description - CG2176X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3_17 CEL-CG2176X3_17_09 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
logo
NEC
UPG2176T5N NEC-UPG2176T5N Datasheet
83Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
Renesas Technology Corp
PG2176T5N RENESAS-PG2176T5N_15 Datasheet
205Kb / 11P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
NEC
UPG2157T5F NEC-UPG2157T5F Datasheet
85Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
California Eastern Labs
UPG2157T5F CEL-UPG2157T5F Datasheet
150Kb / 8P
   50 ohm TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
CG2176X3 CEL-CG2176X3 Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
logo
Renesas Technology Corp
PG2418T6X RENESAS-PG2418T6X_15 Datasheet
230Kb / 13P
   GaAs Integrated Circuit 0.5 to 3.0 GHz SPDT Switch with 50 廓 Termination
UPG2418TB RENESAS-UPG2418TB Datasheet
228Kb / 12P
   GaAs Integrated Circuit 0.5 to 3.0 GHz SPDT Switch with 50 廓 Termination
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
SIPAT Co,Ltd
SP4257 SIPAT-SP4257 Datasheet
542Kb / 6P
   50 廓 SPDT Absorptive CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com