Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP-85-B-D-155-M Datasheet(PDF) 1 Page - Amphenol Corporation

Part # HTP-85-B-D-155-M
Description  High Temperature Probes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HTP-85-B-D-155-M Datasheet(HTML) 1 Page - Amphenol Corporation

  HTP-85-B-D-155-M Datasheet HTML 1Page - Amphenol Corporation HTP-85-B-D-155-M Datasheet HTML 2Page - Amphenol Corporation HTP-85-B-D-155-M Datasheet HTML 3Page - Amphenol Corporation HTP-85-B-D-155-M Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Temperature
Probes
NTC Type HTP
Series
Description
The NTC Type HTP Series high temperature probe
consists of a bead thermistor hermetically sealed
in the tip of a shock resistant glass rod. These units
are rugged and unaffected by severe environmental
exposures, including high density nuclear radiation.
Applications
• Temperature measurement and control
• Temperature compensation
• Controlled temperature soldering stations
• Process oven control
A rugged high temperature bead thermistor
(Type HTBR55) is available on special order
Data
All NTC Type HTP Series high temperature probes
are aged at 842°F (450°C) for extended periods of
time. As such, they exhibit excellent stability for all
temperatures at or below 842°F (450°C). Intermittent
operations at temperatures up to 1112°F (600°C)
is permissible. When additional preconditioning
is specified, compliance with the performance
requirements of MIL-PRF-23648 can be guaranteed.
Amphenol
Advanced Sensors


Similar Part No. - HTP-85-B-D-155-M

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP100 PICKER-HTP100 Datasheet
415Kb / 1P
   Heat Transfer Pad
logo
SHANTOU HUASHAN ELECTRO...
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
logo
SemiHow Co.,Ltd.
HTP12A60H SEMIHOW-HTP12A60H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
HTP12A80H SEMIHOW-HTP12A80H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results

Similar Description - HTP-85-B-D-155-M

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
409997 EXTECH-409997 Datasheet
180Kb / 1P
   Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
   Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
   Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
   Temperature Probes
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
   Temperature measurement miniature transmitter for external probes
logo
List of Unclassifed Man...
P6015A ETC2-P6015A Datasheet
366Kb / 4P
   Passive High-voltage Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com