Electronic Components Datasheet Search |
|
BR24L16-W Datasheet(PDF) 1 Page - Rohm |
|
BR24L16-W Datasheet(HTML) 1 Page - Rohm |
1 / 26 page BR24L16-W / BR24L16F-W / BR24L16FJ-W / Memory ICs BR24L16FV-W / BR24L16FVM-W 1/25 2k ×8 bit electrically erasable PROM BR24L16-W / BR24L16F-W / BR24L16FJ-W BR24L16FV-W / BR24L16FVM-W The BR24L16-W series is 2-wire (I 2C BUS type) serial EEPROMs which are electrically programmable. ∗ I2C BUS is a registered trademark of Philips. Applications General purpose Features 1) 2k registers × 8 bits serial architecture. 2) Single power supply (1.8V to 5.5V). 3) Two wire serial interface. 4) Self-timed write cycle with automatic erase. 5) 16 byte page write mode. 6) Low power consumption. Write (5V) : 1.2mA (Typ.) Read (5V) : 0.2mA (Typ.) Standby (5V) : 0.1 µA (Typ.) 7) DATA security Write protect feature (WP pin) . Inhibit to WRITE at low VCC. 8) Small package - - - DIP8 / SOP8 / SOP-J8 / SSOP-B8 / MSOP-8 9) High reliability EEPROM with Double-Cell structure. 10) High reliability fine pattern CMOS technology. 11) Endurance : 1,000,000 erase / write cycles 12) Data retention : 40 years 13) Filtered inputs in SCL•SDA for noise suppression. 14) Initial data FFh in all address. Absolute maximum ratings (Ta=25 °C) Parameter Symbol Limits Unit Supply voltage −0.3 to +6.5 V Power dissipation mW Storage temperature −65 to +125 °C Operating temperature °C Terminal voltage − V −40 to +85 VCC −0.3 to VCC+0.3 Pd Tstg Topr ∗1 450 (SOP8) 800 (DIP8) ∗2 ∗3 300 (SSOP-B8) 450 (SOP-J8) ∗4 310 (MSOP8) ∗5 ∗1 Degradation is done at 8.0mW/ °C for operation above 25°C. ∗2, 3 Degradation is done at 4.5mW/°C for operation above 25°C. ∗4 Degradation is done at 3.0mW/ °C for operation above 25°C. ∗5 Degradation is done at 3.1mW/ °C for operation above 25°C. |
Similar Part No. - BR24L16-W |
|
Similar Description - BR24L16-W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |