Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3187 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3187
Description  SmartiPi Touch - Stand for Raspberry Pi 7 Touchscreen Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3187 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3187 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SmartiPi Touch - Stand for Raspberry Pi 7" Touchscreen Display
PRODUCT ID: 3187
Description
Here is an excellently designed stand that provides a sleek and sturdy look for the 7" Touchscreen
Display and Raspberry Pi. Say hello to the SmartiPi Touch.
The 7" Display is secured into the case with four screws and the Raspberry Pi is enclosed in the
compartment on the back of the case. A simple door covers the Pi in the compartment allowing
for the display ribbon cable to connect to the Raspberry Pi DSI port. 
You can power the display 2 ways - by either running two jumper wires from the raspberry Pi
GPIO (will conflict with HATs) or using separate micro USB cables (or splitter cable) to power the Pi
and display independently.
Features:
Compatible with Raspberry Pi 3, 2, B+, and A+
125° smooth pivot that allows you to adjust the angle of the screen
HAT boards can be attached to the back of the case, adding even more functionality
3D printable accessories for additional customization 
LEGO compatible camera case that works with Pi camera version 1 and 2
Please note: The 7" Touchscreen Display and Raspberry Pi are not included. The HDMI port on
the Raspberry Pi is not accessible when enclosed.
Technical Details
Product Dimensions: 220.0mm x 133.0mm x 37.0mm / 8.7" x 5.2" x 1.5"
Product Weight: 221.2g / 7.8oz
Engineered in NYC Adafruit ®


Similar Part No. - 3187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3187 ETC2-3187 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3187 KR-3187 Datasheet
60Kb / 3P
   321.4 MHz Center Freqency
logo
Allegro MicroSystems
3187 ALLEGRO-3187 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3187 ETC2-3187 Datasheet
68Kb / 1P
   WASHERS
logo
TE Connectivity Ltd
318707-1 TEC-318707-1 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - 3187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
   Raspberry Pi 7” Touch Screen Display
114992066 ETC-114992066 Datasheet
468Kb / 5P
   RF Explorer IoT Touchscreen Kit For Raspberry Pi
logo
SparkFun Electronics
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
   LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
   Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
   Raspberry Pi Display Module Pack
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
   Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
ULCD-32-PTU-PI ETC2-ULCD-32-PTU-PI Datasheet
440Kb / 10P
   Raspberry Pi Display Module Pack
logo
SparkFun Electronics
PRT-14059 SPARKFUN-PRT-14059 Datasheet
121Kb / 1P
   SmartiPi Touch
logo
List of Unclassifed Man...
104990604 ETC-104990604 Datasheet
1Mb / 8P
   Nextion Basic NX4832T035 Generic 3.5 HMI 480*320 Touch Display for Arduino Raspberry Pi
104990605 ETC-104990605 Datasheet
924Kb / 8P
   Nextion Enhanced NX4827T043 - Generic 4.3' HMI 480*272 Touch Display for Arduino Raspberry Pi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com