Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L16FJ-W Datasheet(PDF) 5 Page - Rohm

Part # BR24L16FJ-W
Description  2k횞8 bit electrically erasable PROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L16FJ-W Datasheet(HTML) 5 Page - Rohm

  BR24L16FJ-W Datasheet HTML 1Page - Rohm BR24L16FJ-W Datasheet HTML 2Page - Rohm BR24L16FJ-W Datasheet HTML 3Page - Rohm BR24L16FJ-W Datasheet HTML 4Page - Rohm BR24L16FJ-W Datasheet HTML 5Page - Rohm BR24L16FJ-W Datasheet HTML 6Page - Rohm BR24L16FJ-W Datasheet HTML 7Page - Rohm BR24L16FJ-W Datasheet HTML 8Page - Rohm BR24L16FJ-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
BR24L16-W / BR24L16F-W / BR24L16FJ-W /
Memory ICs
BR24L16FV-W / BR24L16FVM-W
5/25
AC operating characteristics (Unless otherwise specifies Ta=
−40 to 85°C, VCC=1.8 to 5.5V)
Parameter
Symbol
Fast-mode
2.5V
≤ Vcc ≤ 5.5V
Standard-mode
1.8V
≤ Vcc ≤ 5.5V
Unit
fSCL
kHz
tHIGH
Noise spike width (SDA and SCL)
tWR
tl
ms
Data clock "HIGH" period
Clock frequency
µs
Data clock "LOW" period
tLOW
µs
SDA and SCL rise time
∗1
∗1
∗1 Not 100% tested.
tR
µs
SDA and SCL fall time
tF
µs
Start condition hold time
tHD:STA
µs
Start condition setup time
tSU:STA
µs
Input data hold time
tHD:DAT
ns
Input data setup time
tSU:DAT
ns
Output data delay time
Output data hold time
tPD
µs
Stop condition setup time
tDH
µs
Bus free time
tSU:STO
µs
tBUF
Min.
0.6
1.2
0.6
0.6
0
100
0.1
0.1
0.6
1.2
Typ.
Max.
400
5
0.3
0.3
0.9
Min.
4.0
4.7
4.0
4.7
0
250
0.2
0.2
4.7
4.7
Typ.
Max.
100
tSU:WP
WP high period
µs
0.1
−−
0.1
−−
5
0.1
1.0
0.3
3.5
WP setup time
tHD:WP
ns
µs
0
0.1
0
−µs
Write cycle time
WP hold time
tHIGH:WP
µs
1.0
−−
1.0
−−


Similar Part No. - BR24L16FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L16FJ-W ROHM-BR24L16FJ-W Datasheet
318Kb / 6P
   I2C BUS 16Kbit (2,048 x 8bit) EEPROM
BR24L16FJ-WE2 ROHM-BR24L16FJ-WE2 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L16FJ-WTR ROHM-BR24L16FJ-WTR Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L16FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L02 ROHM-BR24L02 Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W_07 Datasheet
397Kb / 26P
   1024횞8 bit electrically erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com