Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750C-10PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF750C-10PI
Description  High-speed Complex Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750C-10PI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF750C-10PI Datasheet HTML 1Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 2Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 3Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 4Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 5Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 6Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 7Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 8Page - ATMEL Corporation ATF750C-10PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
Advanced, High-speed, Electrically-erasable Programmable Logic Device
– Superset of 22V10
– Enhanced Logic Flexibility
– Backward Compatible with ATV750B/BL and ATV750/L
Low-power Edge-sensing “L” Option with 1 mA Standby Current
D- or T-type Flip-flop
Product Term or Direct Input Pin Clocking
7.5 ns Maximum Pin-to-pin Delay with 5V Operation
Highest Density Programmable Logic Available in 24-pin Package
– Advanced Electrically-erasable Technology
– Reprogrammable
– 100% Tested
Increased Logic Flexibility
– 42 Array Inputs, 20 Sum Terms and 20 Flip-flops
Enhanced Output Logic Flexibility
– All 20 Flip-flops Feed Back Internally
– 10 Flip-flops are also Available as Outputs
Programmable Pin-keeper Circuits
Dual-in-line and Surface Mount Package in Standard Pinouts
Commercial and Industrial Temperature Ranges
20-year Data Retention
2000V ESD Protection
1000 Erase/Write Cycles
Block Diagram
Description
The ATF750C(L)s are twice as powerful as most other 24-pin programmable logic
devices. Increased product terms, sum terms, flip-flops and output logic configurations
translate into more usable gates. High-speed logic and uniform, predictable delays
PROGRAMMABLE
INTERCONNECT
AND
COMBINATORIAL
LOGIC ARRAY
LOGIC
OPTION
(UP T0 20
FLIP-FLOPS)
OUTPUT
OPTION
4TO 8
PRODUCT
TERMS
(OE PRODUCT TERMS)
10
I/O
PINS
12
INPUT
PINS
(CLOCK PIN)
Rev. 0776F–01/00
High-speed
Complex
Programmable
Logic Device
ATF750C
ATF750CL
Pin Configurations
Pin Name
Function
CLK
Clock
IN
Logic Inputs
I/O
Bi-directional Buffers
*
No Internal Connection
VCC
+5V Supply
(continued)
DIP/SOIC/TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
*
IN
IN
IN
I/O
I/O
I/O
*
I/O
I/O
I/O


Similar Part No. - ATF750C-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C-10PU ATMEL-ATF750C-10PU Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750C-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com