Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6052255 Datasheet(PDF) 2 Page - SICK AG

Part # 6052255
Description  FLOW SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6052255 Datasheet(HTML) 2 Page - SICK AG

  6052255 Datasheet HTML 1Page - SICK AG 6052255 Datasheet HTML 2Page - SICK AG 6052255 Datasheet HTML 3Page - SICK AG 6052255 Datasheet HTML 4Page - SICK AG 6052255 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FFUS25-1C1SR | FFU
FLOW SENSORS
Illustration may differ
Ordering information
Type
Part no.
FFUS25-1C1SR
6052255
Other models and accessories
www.sick.com/FFU
Features
Medium
Fluids
Nominal width measuring tube
DN 25
Process temperature
0 °C ... +80 °C
Process pressure
Max. 10 bar
Performance
Minimim flow
≤ 5 l/min
Maximum flow
≤ 240 l/min
Inlet zone
40 cm
Output zone
20 cm
Conductivity
No limitation
Accuracy of sensor element
2 % (of final value) 1)
Reproducibility
≤ 0.5 %
Resolution
0.03 l/min
1) Reference condition: Water, zero gas, measuring tube completely full, no cavitation, temperature of medium 20 °C, ambient temperature 20 °C ... 25 °C, compli-
ance with inlet and outlet zones, warm-up time for electronics: 30 min.
Electronics
Supply voltage
18 V DC ... 30 V DC 1)
Residual ripple
≤ 5 Vpp 2)
Power consumption
≤ 180 mA 3)
Initialization time
≤ 5 s
Protection class
III
Electrical connection
M12 round connector x 1, 8-pin
1) All connections are polarity protected. All outputs are overload and short-circuit protected.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) There are 100 mA for each output pnp and npn available.
5) Analog output and display.
2
FLUID SENSORS | SICK
Online data sheet | 2017-02-08 13:58:08
Subject to change without notice


Similar Part No. - 6052255

ManufacturerPart #DatasheetDescription
logo
SICK AG
6052236 SICK-6052236 Datasheet
426Kb / 5P
   FLOW SENSORS
6052237 SICK-6052237 Datasheet
428Kb / 5P
   FLOW SENSORS
6052263 SICK-6052263 Datasheet
808Kb / 6P
   PRESSURE SENSORS
6052273 SICK-6052273 Datasheet
810Kb / 7P
   PRESSURE SENSORS
6052297 SICK-6052297 Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results

Similar Description - 6052255

ManufacturerPart #DatasheetDescription
logo
SICK AG
FFUC10-1G1IO SICK-FFUC10-1G1IO Datasheet
415Kb / 5P
   FLOW SENSORS
FFUS10-1C1IO SICK-FFUS10-1C1IO Datasheet
421Kb / 5P
   FLOW SENSORS
FFUS15-1G1IO SICK-FFUS15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
FFUC15-1G1IO SICK-FFUC15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
FFUS15-1G1SR SICK-FFUS15-1G1SR Datasheet
428Kb / 5P
   FLOW SENSORS
logo
Balluff Korea Ltd.
BFF0008 BALLUFF-BFF0008 Datasheet
95Kb / 2P
   Flow Sensors
BFF000A BALLUFF-BFF000A Datasheet
95Kb / 2P
   Flow Sensors
logo
SICK AG
FFUC10-1C1SR SICK-FFUC10-1C1SR Datasheet
432Kb / 5P
   FLOW SENSORS
FFUC10-1G1SR SICK-FFUC10-1G1SR Datasheet
426Kb / 5P
   FLOW SENSORS
FFUS10-1G1IO SICK-FFUS10-1G1IO Datasheet
414Kb / 5P
   FLOW SENSORS
FFUC20-1G1IO SICK-FFUC20-1G1IO Datasheet
416Kb / 5P
   FLOW SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com