Electronic Components Datasheet Search |
|
6043054 Datasheet(PDF) 2 Page - SICK AG |
|
6043054 Datasheet(HTML) 2 Page - SICK AG |
2 / 5 page A B C D E F H I J K L M N O P Q R S T TBT-1AAGE2506GZ | TBT TEMPERATURE SENSORS Illustration may differ Ordering information Type Part no. TBT-1AAGE2506GZ 6043054 Other models and accessories www.sick.com/TBT Features Measuring range –50 °C +150 °C Sensor element Pt100 Analog signal output and ohmic load RA 4 mA ... 20 mA, 2-wire (RA ≤ (L+ – 10 V) / 0.028 A [Ohm]) Performance Accuracy of sensor element Class A according to IEC 60751 Transmitter accuracy ≤ ± 0.1 % of span Transmitter linearity ≤ 0.1 % of span Response time Response time t50: ≤ 5.8 s 1) Response time t90: ≤ 15.5 s 1) 1) Depending on sensor configuration, according to IEC 60751. Mechanics/electronics Process connection Thread G ½ B Insertion length/diameter of probe 250 mm / 6 mm Wetted parts Stainless steel 1.4571 Pressure resistance Max. 120 bar Housing material Aluminum Electrical connection Cable gland M16 x 1.5, IP65 1) Measuring current 0.3 mA ... 1 mA Supply voltage 10 V DC ... 35 V DC Maximum current consumption Ca. 28 mA Electrical safety Protection class: III, insulation voltage: 100 V, reverse polarity protection of variant with mea- suring transducer 4 mA ... 20 mA: L+ to M Protection class III ✔ CE-conformity 2004/108/EC, EN 61326-2-3 RoHS certificate ✔ Weight Ca. 155 g (depending on configuration) 1) IP enclosure rating as per IEC 60529. The enclosure rating classes specified only apply while the device is connected with male cable connectors of the correspond- ing enclosure rating. 2 FLUID SENSORS | SICK Online data sheet | 2017-02-01 16:23:10 Subject to change without notice |
Similar Part No. - 6043054 |
|
Similar Description - 6043054 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |