Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591D107X_010D2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 591D107X_010D2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D107X_010D2T Datasheet(HTML) 2 Page - Vishay Siliconix

  591D107X_010D2T Datasheet HTML 1Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 2Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 3Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 4Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 5Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 6Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 7Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 8Page - Vishay Siliconix 591D107X_010D2T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
90
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
1
BA
2.2
BA
C
B
3.3
CBD
C
4.7
AB
A
C
R
6.8
AC
BD
C
R
D
10
B
A
C
B
D
B
R
D
R
15
B
A
D
R
C
U*
R
22
B
A
A/B
C
B
D
C
R/V*
D/U*
V*
33
C
B
D
C
R
C/D
V*
R
V*
47
C
B
DC
RD
U
R
68
DC
RD
R
C/D
V
U
R
100
R
D
D/R
C
U
D
V
150
C/R
U
D/R
V
U
W*
220
U
D
V
R/U
V/W
330
V
U
W
U/V
W
470
W
U/V
U/V/W
680
V/W
W
1000
W
µF
4 V
6.3 V
10 V
35 V
25 V
20 V
16 V
RATINGS AND CASE CODES
4 WVDC @ + 85
°C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
STANDARD / EXTENDED RATINGS
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
** xyH indicates maximum height in (mm), i.e., 1.5mm max. (H) = 15Hmm
* Preliminary values contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0”. Extended ratings are in bold print.
22
A
591D226X_004A2T
0.9
6
1.200
0.22
22
B
591D226X_004B2T
0.9
6
0.800
0.32
47
B
591D476X_004B2T
1.9
6
0.800
0.33
47
C
591D476X_004C2T
1.9
6
0.200
0.74
68
C
591D686X_004C2T
2.7
6
0.180
0.78
68
D
591 D686X_004D2T
2.7
6
0.140
1.04
100
D
591D107X_004D2T
4.0
8
0.130
1.07
100
R
591D107X_004R2T
4.0
8
0.110
1.22
150
C
591D157X_004C2T
6.0
8
0.150
0.86
150
R
591D157X_004R2T
6.0
8
0.100
1.28
220
D
591D227X_004D2T
8.8
8
0.100
1.22
220
U
591D227X_004U2T
8.8
8
0.075
1.21
330
V
591D337X_004V2T
13.2
8
0.060
1.53
330
U
591D337X_004U2T
13.2
8
0.070
1.25
470
W
591D477X_004W2T
18.8
8
0.045
1.97
470
U
591D477X_004U2T
18.8
10
0.07
1.25
470
V
591D477X_004V2T
18.8
10
0.060
1.52
680
V
591D687X_004V2T
27.2
12
0.085
1.28
680
W
591D687X_004W2T
27.2
12
0.045
1.97
1000
W
591D108X_004W2T
40.0
14
0.050
1.67
15
A
591D156X_6R3A2T
0.9
6
1.300
0.24
15
B
591D156X_6R3B2T
0.9
6
0.800
0.32
22
A
591D226X_6R3A2T13H**
1.4
6
0.800
0.20
22
B
591D226X_6R3B2T
1.4
6
0.800
0.32
33
B
591D336X_6R3B2T
2.1
6
0.800
0.32
33
C
591D336X_6R3C2T
2.1
6
0.200
0.74
47
C
591D476X_6R3C2T
3.0
6
0.200
0.74
47
D
591D476X_6R3D2T
3.0
6
0.140
1.04
68
D
591D686X_6R3D2T
4.0
6
0.130
1.07
68
R
591D686X_6R3R2T
4.0
6
0.110
1.22
100
B
591D107X_6R3B2T15H**
6.0
8
0.5
0.41
100
C
591D107X_6R3C2T
6.0
8
0.19
0.76
100
D
591D107X_6R3D2T
6.0
8
0.13
1.07
100
R
591D107X_6R3R2T
6.0
8
0.100
1.28
150
D
591D157X_6R3D2T
9.5
8
0.12
0.88
150
R
591D157X_6R3R2T
9.5
8
0.14
1.08
150
U
591D157X_6R3U2T
9.5
8
0.080
1.17
220
R
591D227X_6R3R2T
13.9
8
0.15
1.05
220
V
591D227X_6R3V2T
13.9
8
0.065
1.47
220
U
591D227X_6R3U2T
13.9
8
0.075
1.21
330
W
591D337X_6R3W2T
20.8
8
0.045
1.97
330
V
591D337X_6R3V2T
20.8
8
0.060
1.52
330
U
591D337X_6R3U2T
20.8
8
0.07
1.25
470
U
591D477X_6R3U2T
29.6
10
0.060
1.35
470
W
591D477X_6R3W2T
29.6
10
0.045
1.97
470
V
591D477X_6R3V2T
29.6
10
0.085
1.28
680
W
591D687X_6R3W2T
42.8
10
0.060
1.87
6.3 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V


Similar Part No. - 591D107X_010D2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D107X_010D2_15H VISHAY-591D107X_010D2_15H Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
More results

Similar Description - 591D107X_010D2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
591D VISHAY-591D_17 Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D VISHAY-591D_08 Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com