Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55PC Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 5Page - TE Connectivity Ltd 55PC Datasheet HTML 6Page - TE Connectivity Ltd 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SPECIFICATION 55PC, ISSUE 8
Page 9 of 18
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
4.3.1.3
Sample Unit
The sample unit for quality conformance inspection shall be of sufficient length to permit all
applicable examinations and tests.
4.4
PROCESS CONTROL
Process control shall be maintained with the use of statistical process control and continuous
improvement techniques.
4.4.1
Control Plan
The Control Plan describes the system for controlling the materials, construction, processes,
and testing required for each wire and cable product.
4.5
DOCUMENTATION
Test reports shall be prepared and kept in the Quality Control Department files for each
manufactured lot of product. The results of the quality conformance inspection (see 4.3) shall
be recorded in these test reports.
4.6
TEST PROCEDURES
4.6.1
Blocking
Finished wire shall be tested in accordance with AS22759 at 230 ± 3°C for 4 hours. Finished
cable shall be tested in accordance with WC 27500 at 230 ± 3°C for 4 hours.
4.6.2
Conductor Elongation and Break Strength
Elongation and tensile strength tests of the conductor shall be tested in accordance with
AS22759, prior to insulation extrusion, except that for high strength alloy conductors, the rate
of jaw separation shall be 2 ± 1/2 inches (51 ± 13 mm) per minute and the tensile strength shall
be reported as the tensile break strength of the conductor rather than in pounds per square
inch.
4.6.3
Certification of Materials
Prior to incorporation in a wire or cable construction, incoming (raw) materials must meet
internal procurement requirements that are not covered in this specification or the applicable
SCD. Certificates of compliance shall be kept on file stating that the specified materials have
been used and that they met all applicable requirements.
4.6.4
Copper Mirror Corrosion
A sufficient number of 3-inch (76-mm) lengths of wire insulation or cable jacket, as
applicable, shall be removed from the finished wire or cable to make up an overall test weight
of 0.90 ± 0.01 grams. The lengths shall be placed into a 19 ml polystyrene test tube
containing 2.5 ml of distilled water. Approximately 1 inch (25 mm) of the insulation or jacket
pieces shall be immersed in the water. Screw on the test tube cap which has been fitted with a
copper alligator clip to which is attached a copper mirror. Please note that the copper mirror


Similar Part No. - 55PC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0114 MACOM-55PC0114 Datasheet
43Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC0211 MACOM-55PC0211 Datasheet
92Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
logo
TE Connectivity Ltd
55PC0212 TEC-55PC0212 Datasheet
44Kb / 2P
   This specifi cation sheet forms a part of the latest issue of Raychem Specifi cation 55PC.
55PC0213 TEC-55PC0213 Datasheet
156Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
Tyco Electronics
55PC0214 MACOM-55PC0214 Datasheet
91Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
More results

Similar Description - 55PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
   Cable and Wire Mounts
logo
TE Connectivity Ltd
1200 TEC-1200 Datasheet
195Kb / 39P
   CABLE, HIGH-FREQUENCY AND CONTROLLED ELECTRICAL
logo
PANDUIT CORP.
WBS6-Q PANDUIT-WBS6-Q Datasheet
38Kb / 2P
   Bundle and secure wire cable
logo
Tyco Electronics
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
   Pre-Printed Wire and Cable Markers
logo
Endress+Hauser Group Se...
CM44P EH-CM44P Datasheet
7Mb / 60P
   Universal four-wire multichannel controller for process photometers and Memosens sensors
2019-11-30
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
   Process and temperature meters
Rev.A 08/20
logo
PANDUIT CORP.
ARC68-A-Q PANDUIT-ARC68-A-Q Datasheet
98Kb / 1P
   Cable and Wire Mounting Devices (Used without Cable Ties)
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com