Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCP2400-MMCX6 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # WCP2400-MMCX6
Description  Alignment notches to prevent rotation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

WCP2400-MMCX6 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  WCP2400-MMCX6 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DiPole ComAer 2.4: WCP
External Antenna – Snap-in/Captive
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FeAtures
Fits in .25” case up to .070” thick
Alignment notches to prevent rotation
Sub-miniature right angle coax connector
1/2 wave coaxial dipole, flexible element
• Snap-in w/clutch that allows 360° rotation
• FCC Part 15 compliant polarized connector
MArkets
• Bluetooth® devices
IEEE 802.11b/g devices
Today’s work and lifestyles require us to communicate anytime, anywhere whether on the move or
sitting still. Bluetooth® and 802.11 standards make wireless connections to computer networks and
other devices possible, while at the same time enabling freedom of movement.
Laird's practical and rugged external wireless device antennas are designed to fit into the portable devices
used in office, industrial, and home environments. The antennas feature flexible elements and many are
½ wave coaxial dipole design for reduced ground dependence and improved performance.
AziMuth PlAne
WCP2400MMCX
elevAtion PlAne
WCP2400MMCX
SPECIFICATI ONS
Frequency
2.4 - 2.5 GHz
Polarization
Vertical
Gain
MMCX2 2.5 dBi
MMCX4 2.5 dBi
MMCX6 2.0 dBi
MMCX8 1.5 dBi
MMCX12 1.0 dBi
nominal Impedance
50 ohms
VSWR
2.0:1 max at resonance
Power Rating
10 watts
Size (Length)
7cm
Temperature Range
-40° to +80°
Drop Test
1M
PART NUMBER
CONNECTOR
WCP2400-MMCX2
CAF28841
2” Brown RG-178
MMCX plug R.A.
WCP2400-MMCX4
CAF28841
4” Brown RG-178
MMCX plug R.A.
WCP2400-MMCX6
CAF28841
6” Brown RG-178
MMCX plug R.A.
WCP2400-MMCX8
CAF28841
8” Brown RG-178
MMCX plug R.A.
WCP2400-MMCX12
CAF28841
12” Brown RG-178
MMCX plug R.A.
ANT-DS-DIPOLE-WCP 1214
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird materials rests with the end user, since Laird and its agents cannot
be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental
or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright
2014 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service
names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
MODEL NUMBER
CABLE


Similar Part No. - WCP2400-MMCX6

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WCP2400 LSTD-WCP2400 Datasheet
1Mb / 21P
   Minor grammatical fixes
More results

Similar Description - WCP2400-MMCX6

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
RONDCOM-60A ACCRETECH-RONDCOM-60A Datasheet
425Kb / 2P
   Rotation Accuracy of 0.02 關m! Alignment Within 60 Seconds!
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Hirose Electric
HIF3F-10PA-2.54DSA HIROSE-HIF3F-10PA-2.54DSA Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
logo
Pepperl+Fuchs Inc.
KFA5-DWB-EX1.D PF-KFA5-DWB-EX1.D Datasheet
1Mb / 5P
   Rotation Speed Monitor
logo
Infineon Technologies A...
6ED003L06-F2 INFINEON-6ED003L06-F2 Datasheet
749Kb / 20P
   Signal interlocking of every phase to prevent cross-conduction
Revision 2.7 15.04.2015
logo
Pepperl+Fuchs Inc.
KFA6-DWB-EX1.D PF-KFA6-DWB-EX1.D Datasheet
875Kb / 5P
   Rotation Speed Monitor
KFD2-DWB-EX1.D PF-KFD2-DWB-EX1.D Datasheet
1,006Kb / 5P
   Rotation Speed Monitor
KFU8-DWB-1.D PF-KFU8-DWB-1.D Datasheet
711Kb / 4P
   Rotation Speed Monitor
2021-12-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com