Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144ESA Datasheet(PDF) 2 Page - Rohm

Part # DTA144ESA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144ESA Datasheet(HTML) 2 Page - Rohm

  DTA144ESA Datasheet HTML 1Page - Rohm DTA144ESA Datasheet HTML 2Page - Rohm DTA144ESA Datasheet HTML 3Page - Rohm DTA144ESA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTA144EM / DTA144EE / DTA144EUA
Transistors
DTA144EKA / DTA144ESA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Limits(DTA144E
)
Parameter
Symbol
VCC
150
200
300
−50
−40~+10
−30
−100
150
−55~+150
E
M
UAKASA
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
Pd
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−3.0
32.9
68
0.8
−0.1
47
1
250
−0.5
−0.3
−0.18
−0.5
61.1
1.2
V
VCC
=−5V, IO=−100µA
VO
=−0.3V, IO=−2mA
IO/II
=−10mA/−0.5mA
VI
=−5V
VCC
=−50V, VI=0V
VO
=−5V, IO=−5mA
VCE
=−10V, IE=5mA, f=100MHz
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device
!
!
!
!
Packaging specifications
TL
UMT3
EMT3
SMT3
SPT
DTA144EE
DTA144EM
Type
DTA144EUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
TP
5000
DTA144EKA
DTA144ESA
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTA144ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144ESA ROHM-DTA144ESA Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTA144ESA JIANGSU-DTA144ESA Datasheet
120Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA144ESA SECOS-DTA144ESA Datasheet
526Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA144ESA SECOS-DTA144ESA Datasheet
163Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTA144ESA TSC-DTA144ESA Datasheet
212Kb / 3P
   PNP Small Signal Transistor
More results

Similar Description - DTA144ESA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com