Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6296 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD6296
Description  30V N-Channel Fast Switching PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6296 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD6296 Datasheet HTML 1Page - Fairchild Semiconductor FDD6296 Datasheet HTML 2Page - Fairchild Semiconductor FDD6296 Datasheet HTML 3Page - Fairchild Semiconductor FDD6296 Datasheet HTML 4Page - Fairchild Semiconductor FDD6296 Datasheet HTML 5Page - Fairchild Semiconductor FDD6296 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD6296/FDU6296 Rev. C(W)
D
R
P
DS(ON)
Electrical Characteristics (cont’d)
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40°C/W when mounted on
a 1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package
current limitation is 21A


Similar Part No. - FDD6296

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6296 ISC-FDD6296 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6296

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298_07 Datasheet
358Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6694 FAIRCHILD-FDS6694 Datasheet
65Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294_07 Datasheet
372Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
139Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
373Kb / 6P
   30V N-Channel Fast Switching PowerTrench
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com