Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6296 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD6296
Description  30V N-Channel Fast Switching PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6296 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD6296 Datasheet HTML 1Page - Fairchild Semiconductor FDD6296 Datasheet HTML 2Page - Fairchild Semiconductor FDD6296 Datasheet HTML 3Page - Fairchild Semiconductor FDD6296 Datasheet HTML 4Page - Fairchild Semiconductor FDD6296 Datasheet HTML 5Page - Fairchild Semiconductor FDD6296 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD6296/FDU6296 Rev. C(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain-Source Avalanche Ratings (Note 2)
EAS
Drain-Source Avalanche Energy
Single Pulse, VDD = 15 V, ID=15A
165
mJ
IAS
Drain-Source Avalanche Current
15
A
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
29
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
± 20 V,
VDS = 0 V
±
100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
1
1.7
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–0.5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 15 A
VGS = 4.5 V,
ID = 13 A
VGS = 10 V, ID = 15 A, TJ=125
°C
7.5
9.0
9.3
8.8
11.3
15.0
m
gFS
Forward Transconductance
VDS = 5 V,
ID = 15 A
58
S
Dynamic Characteristics
Ciss
Input Capacitance
1440
pF
Coss
Output Capacitance
400
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
140
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
1.3
Switching Characteristics
(Note 2)
td(on)
Turn–On Delay Time
11
19
ns
tr
Turn–On Rise Time
6
11
ns
td(off)
Turn–Off Delay Time
29
46
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
13
23
ns
Qg
Total Gate Charge
VDS = 15V, ID = 15 A, VGS = 10 V
22.5
31.5
nC
Qg
Total Gate Charge
12.2
17
nC
Qgs
Gate–Source Charge
4
nC
Qgd
Gate–Drain Charge
VDS = 15V,
ID = 15 A,
VGS = 5 V
3.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
3.2
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.2 A
(Note 2)
0.74
1.2
V
trr
Diode Reverse Recovery Time
25
nS
Qrr
Diode Reverse Recovery Charge
IF = 15 A,
diF/dt = 100 A/µs
13
nC


Similar Part No. - FDD6296

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6296 ISC-FDD6296 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6296

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298_07 Datasheet
358Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6694 FAIRCHILD-FDS6694 Datasheet
65Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294_07 Datasheet
372Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
139Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
373Kb / 6P
   30V N-Channel Fast Switching PowerTrench
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com