Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5218AP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M5218AP
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS(DUAL POWER SUPPLY TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5218AP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M5218AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5218AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5218AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5218AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5218AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5218AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOP8-P-225-1.27
Weight(g)
JEDEC Code
0.07
EIAJ Package Code
Lead Material
Cu Alloy
8P2S-A
Plastic 8pin 225mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
A1
I2
0.05
–1.5
0.35
0.4
0.5
0.13
0.15
0.2
4.8
5.0
5.2
4.2
4.4
4.6
–1.27
5.9
6.2
6.5
0.2
0.4
0.6
–0.9
0.1
0
°
–10
°
–0.76
–5.72
1.27
1.9
e
e1
8
5
4
1
D
b
e
y
F
A
A2
A1
c
Detail F
e
b2
Recommended Mount Pad
Mar.’98


Similar Part No. - M5218AP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
M5218 OKI-M5218 Datasheet
246Kb / 6P
   ADPCM Voice Analysis/Synthesis IC
More results

Similar Description - M5218AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5220L MITSUBISHI-M5220L Datasheet
213Kb / 6P
   Dual low-noise operational amplifiers(Dual power supply type)
M5219L MITSUBISHI-M5219L Datasheet
200Kb / 6P
   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS(DUAL POWER SUPPLY TYPE)
M5228P MITSUBISHI-M5228P Datasheet
185Kb / 3P
   QUAD LOW-NOISE OPERATIONAL AMPLIFIERS(DUAL POWER SUPPLY TYPE)?
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com