Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO-E Datasheet(PDF) 2 Page - Recom International Power

Part # RO-E
Description  High Efficiency up to 84%
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RO-E Datasheet(HTML) 2 Page - Recom International Power

  RO-E Datasheet HTML 1Page - Recom International Power RO-E Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Deviation / Load
-10
40%
0%
100%
60%
80%
20%
-5
Total Output current (%)
0
5
10
15
20
25
3.305
0505
1205
2405
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
2405
1205
+10%
+5%
V Nom.
+5%
– 2%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
RO/E Series
ECONOLINE
DC/DC-Converter
RO-xx05S/E
Typical Characteristics
Tolerance Envelope
Package Style and Pinning
Pin Connections
Function
Pin #
4 Pins
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Unit:
mm
Tolerance:
± 0.25 mm
2.54
2.54
Top View
Bottom View
6.00
1.27
0.25
7.62
1.9
2
13 4
4.10
0.51 typ.
0.51 typ.
10.00
RECOM
RO-xx05S/E
****
1.00ø+0.15/–0
11.50
RECOM
RO-
xx05S/E
****
Recommended Footprint Details
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-40


Similar Part No. - RO-E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-0505S RECOM-RO-0505S Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-0505S RECOM-RO-0505S Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-0505S/E RECOM-RO-0505S/E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
RO-0505S/EH RECOM-RO-0505S/EH Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
RO-0505S/EHP RECOM-RO-0505S/EHP Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
More results

Similar Description - RO-E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
logo
Sparkle Power Inc.
FSP084-DMAA1 SPI-FSP084-DMAA1 Datasheet
82Kb / 1P
   84 Watts Power Adapter High efficiency and reliability
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
logo
Sparkle Power Inc.
FSP084-DMBA1 SPI-FSP084-DMBA1 Datasheet
62Kb / 1P
   84 Watts Power Adapter High efficiency and reliability
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
   Efficiency up to 89%
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
   Efficiency up to 86%
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
   Efficiency up to 95%
logo
Power-One
ABC400-10XXG POWER-ONE-ABC400-10XXG Datasheet
831Kb / 13P
   High efficiency up to 91% at 230VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com