Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60S101-K150 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60S101-K150
Description  Airline Plug / Jack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60S101-K150 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60S101-K150 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60S101-K150 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60S101-K150 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
7-16
Airline Plug / Jack
60S101-K150
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-4, EN 122190, DIN 47223
Documents
Application note
AN001 “Calibration Services”
Material and plating
Connector parts
Material
Plating
Center conductor plug side
Brass
Gold, min. 1.27 µm, over nickel
Center conductor plug side
CuBe
Gold, min. 1.27 µm, over nickel
Outer conductor
Brass
Gold, min. 1.27 µm, over nickel
Coupling nut
Stainless steel
Passivated
Gasket
NBR


Similar Part No. - 60S101-K150

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S101-K050 ROSENBERGER-60S101-K050 Datasheet
502Kb / 3P
   Airline Plug / Jack
60S101-K066 ROSENBERGER-60S101-K066 Datasheet
502Kb / 3P
   Airline Plug / Jack
60S101-K300 ROSENBERGER-60S101-K300 Datasheet
502Kb / 3P
   7-16 Airline Plug / Jack
60S101-KIMN1 ROSENBERGER-60S101-KIMN1 Datasheet
93Kb / 2P
   Adaptor Plug - Jack
More results

Similar Description - 60S101-K150

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05S101-K100 ROSENBERGER-05S101-K100 Datasheet
398Kb / 3P
   Airline Plug / Jack
09S101-K013 ROSENBERGER-09S101-K013 Datasheet
47Kb / 3P
   Airline Plug / Jack
60S101-K050 ROSENBERGER-60S101-K050 Datasheet
502Kb / 3P
   Airline Plug / Jack
60S101-K066 ROSENBERGER-60S101-K066 Datasheet
502Kb / 3P
   Airline Plug / Jack
02S101-K015 ROSENBERGER-02S101-K015 Datasheet
77Kb / 3P
   Airline Plug / Jack
05S101-K150 ROSENBERGER-05S101-K150 Datasheet
50Kb / 3P
   Airline Plug / Jack
08S101-K022 ROSENBERGER-08S101-K022 Datasheet
45Kb / 3P
   Airline Plug / Jack
02S101-K018 ROSENBERGER-02S101-K018 Datasheet
78Kb / 3P
   Airline Plug / Jack
02S101-K040 ROSENBERGER-02S101-K040 Datasheet
77Kb / 3P
   Airline Plug / Jack
05S102-K100 ROSENBERGER-05S102-K100 Datasheet
793Kb / 2P
   Mismatch Airline Plug / Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com