Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP90Q-2415SRW Datasheet(PDF) 4 Page - Recom International Power

Part # RP90Q-2415SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP90Q-2415SRW Datasheet(HTML) 4 Page - Recom International Power

  RP90Q-2415SRW Datasheet HTML 1Page - Recom International Power RP90Q-2415SRW Datasheet HTML 2Page - Recom International Power RP90Q-2415SRW Datasheet HTML 3Page - Recom International Power RP90Q-2415SRW Datasheet HTML 4Page - Recom International Power RP90Q-2415SRW Datasheet HTML 5Page - Recom International Power RP90Q-2415SRW Datasheet HTML 6Page - Recom International Power RP90Q-2415SRW Datasheet HTML 7Page - Recom International Power RP90Q-2415SRW Datasheet HTML 8Page - Recom International Power RP90Q-2415SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DC/DC Converter
PB-4
REV.: 2/2016
www.recom-power.com
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
RP90Q-RW
Series
continued on next page
16.5Vin
24Vin
48Vin
75Vin
Output Current [%]
10
0
3
6
9
12
15
18
60
70
80
20
40
100
30
50
90
Efficiency vs. Input Voltage
40Vin
75Vin
110Vin
160Vin
Output Current [%]
10
20
40
60
80
100
30
50
70
90
40
45
50
55
60
65
70
75
80
85
90
95
100
100% Load
50% Load
25% Load
Input Voltage [V]
40 50 60 70 80 90 100 110 120 130 140 150 160
40
45
50
55
60
65
70
75
80
85
90
95
100
RP90Q-11005SRW
Efficiency vs. Output Current
RP90Q-4805SRW
Power Dissipation vs. Output Current
Power up Start-up Rise Characteristic
ON/OFF Control Start up Rise Characteristic
Typical Output Ripple and Noise/full load


Similar Part No. - RP90Q-2415SRW

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RP900B EDI-RP900B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
More results

Similar Description - RP90Q-2415SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com